Part Number Hot Search : 
158X0 LTC264 ASI10474 CP16601 L53SYT ATMEGA8 010220FB H2506
Product Description
Full Text Search
 

To Download 2SB1030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB1030, 2SB1030A
Silicon PNP epitaxial planer type
For low-frequency amplification Complementary to 2SD1423 and 2SD1423A
4.00.2
Unit: mm
s Features
q q
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SB1030 2SB1030A 2SB1030 VCBO VCEO VEBO ICP IC PC Tj Tstg Symbol
(Ta=25C)
Ratings -30 -60 -25 -50 -7 -1 - 0.5 300 150 -55 ~ +150 Unit
marking
+0.2 0.45-0.1
15.60.5 0.70.1
Optimum for high-density mounting. Allowing supply with the radial taping.
3.00.2
V
1
2
3
emitter voltage 2SB1030A Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
V
1.27 1.27
V A A mW C C
1:Emitter 2:Collector 3:Base
2.540.15
EIAJ:SC-72 New S Type Package
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage 2SB1030 2SB1030A 2SB1030 2SB1030A
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE1*1 hFE2 VCE(sat) fT Cob Conditions VCB = -20V, IE = 0 VCE = -20V, IB = 0 IC = -10A, IE = 0 IC = -2mA, IB = 0 IE = -10A, IC = 0 VCE = -10V, IC = -150mA*2 VCE = -10V, IC = -500mA*2 IC = -300mA, IB = -30mA*2 VCB = -10V, IE = 50mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz -30 -60 -25 -50 -7 85 40 - 0.35 200 6
*2
min
typ
max - 0.1 -1
2.00.2
Unit A A V
V V 340
Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
- 0.6
V MHz
15
pF
Pulse measurement
*1h
FE1
Rank classification
Q 85 ~ 170 R 120 ~ 240 S 170 ~ 340
Rank hFE1
1
Transistor
PC -- Ta
500 -1200 Ta=25C 450 -1000
2SB1030, 2SB1030A
IC -- VCE
-100
VBE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=10
Collector power dissipation PC (mW)
-30 -10 -3 -1 Ta=-25C 25C 75C
350 300 250 200 150 100 50 0 0 20 40 60 80 100 120 140 160
Collector current IC (mA)
400
-800
IB=-10mA -9mA -8mA -7mA -6mA -5mA -4mA -3mA -2mA -1mA
-600
-400
- 0.3 - 0.1 - 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
-200
0 0 -2 -4 -6 -8 -10 -12
-1
-3
-10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 Ta=75C 25C -25C IC/IB=10 600
hFE -- IC
160 VCE=-10V
fT -- I E
VCB=-10V Ta=25C
Forward current transfer ratio hFE
500
Transition frequency fT (MHz)
-1 -3 -10
140 120 100 80 60 40 20
400
300 Ta=75C 200 25C -25C 100
- 0.3 - 0.1 - 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
0 - 0.01 - 0.03 - 0.1 - 0.3
0 0.1
0.3
1
3
10
30
100
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
20 240 IE=0 f=1MHz Ta=25C
NV -- IC
VCE=-10V Ta=25C Function=FLAT
Collector output capacitance Cob (pF)
18 16 14 12 10 8 6 4 2 0 -1
200
Noise voltage NV (mV)
160
120
80
Rg=100k 22k
40 4.7k 0 -10
-3
-10
-30
-100
-30
-100
-300
-1000
Collector to base voltage VCB (V)
Collector current IC (A)
2


▲Up To Search▲   

 
Price & Availability of 2SB1030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X