Part Number Hot Search : 
29LV160 DHM185AA ES110 B5NC90Z RT9229 MMSZ523 A26K1V1 4431C
Product Description
Full Text Search
 

To Download 2SA777 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SA777
Silicon PNP epitaxial planer type
For low-frequency driver amplification Complementary to 2SC1509
5.90.2
Unit: mm
4.90.2
q q
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
Ratings -80 -80 -5 -1 - 0.5 750 150 -55 ~ +150
Unit V V V A A mW C C
0.45-0.1 1.27 1.27
+0.2
13.50.5
s Absolute Maximum Ratings
(Ta=25C)
2.540.15
0.7-0.2
+0.3
High collector to emitter voltage VCEO. Optimum for the driver stage of a low-frequency and 25 to 30W output amplifier.
0.70.1
8.60.2
s Features
0.45-0.1
+0.2
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO VCBO VCEO VEBO hFE1 hFE2 VCE(sat) VBE(sat) fT Cob
*
Conditions VCB = -20V, IE = 0 IC = -10A, IE = 0 IC = -100A, IB = 0 IE = -10A, IC = 0 VCE = -10V, IC = -150mA VCE = -5V, IC = -500mA IC = -300mA, IB = -30mA IC = -300mA, IB = -30mA VCB = -10V, IE = 50mA, f = 100MHz VCB = -10V, IE = 0, f = 1MHz
min
typ
3.2
1
2
3
1:Emitter 2:Collector 3:Base EIAJ:SC-51 TO-92L Package
max - 0.1
Unit A V V V
-80 -80 -5 90 50 100 - 0.2 - 0.85 120 11 20 - 0.4 -1.2 220
V V MHz pF
*h
FE1
Rank classification
Q 90 ~ 155 R 130 ~ 220
Rank hFE1
1
Transistor
PC -- Ta
1.2 -1.2 Ta=25C
2SA777
IC -- VCE
-1.2 VCE=-10V Ta=25C -1.0
IC -- IB
Collector power dissipation PC (W)
1.0
-1.0
IB=-10mA
Collector current IC (A)
0.8
- 0.8
-8mA -7mA -6mA -5mA -4mA -3mA -2mA -1mA
0.6
- 0.6
0.4
- 0.4
0.2
- 0.2
0 0 20 40 60 80 100 120 140 160
0 0 -2 -4 -6 -8 -10
Collector current IC (A)
-9mA
- 0.8
- 0.6
- 0.4
- 0.2
0 0 -2 -4 -6 -8 -10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base current IB (mA)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-10 -3 -1
VBE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=10 -100 -30 -10 -3 -1 Ta=-25C 75C IC/IB=10 300
hFE -- IC
VCE=-10V
Forward current transfer ratio hFE
250
200
Ta=75C 25C
- 0.3 - 0.1 - 0.03 - 0.01 25C
Ta=75C
25C
150 -25C 100
-25C
- 0.3 - 0.1 - 0.03 - 0.01 -1
50
- 0.003 - 0.001 -1
-3
-10
-30
-100 -300 -1000
-3
-10
-30
-100 -300 -1000
0 -1
-3
-10
-30
-100 -300 -1000
Collector current IC (mA)
Collector current IC (mA)
Collector current IC (mA)
fT -- IE
200 180
Cob -- VCB
Collector output capacitance Cob (pF)
VCB=-10V Ta=25C 50 45 40 103 IE=0 f=1MHz Ta=25C 104
ICBO -- Ta
VCB=-20V
Transition frequency fT (MHz)
160 140 120 100 80 60 40 20 0 1 3 10 30 100
30 25 20 15
ICBO (Ta) ICBO (Ta=25C)
-3 -10 -30 -100
35
102
10 10 5 0 -1 1 0 60 120 180
Emitter current IE (mA)
Collector to base voltage VCB (V)
Ambient temperature Ta (C)
2
Transistor
ICEO -- Ta
105 VCE=-10V -10 -3
2SA777
Area of safe operation (ASO)
Single pulse Ta=25C
Collector current IC (A)
104
-1
ICP IC
t=10ms
ICEO (Ta) ICEO (Ta=25C)
103
- 0.3 t=1s - 0.1 - 0.03 - 0.01
102
10 - 0.003 1 0 20 40 60 80 100 120 140 - 0.001 - 0.1 - 0.3
-1
-3
-10
-30
-100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
3


▲Up To Search▲   

 
Price & Availability of 2SA777

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X