Part Number Hot Search : 
CS5381 2SA1160A MUR16 EVD9F200 300PS24 104KA PE4681 MA3J745
Product Description
Full Text Search
 

To Download 2SA719 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SA719, 2SA720
Silicon PNP epitaxial planer type
For low-frequency power amplification and driver amplification Complementary to 2SC1317 and 2SC1318
5.00.2
Unit: mm
4.00.2
q
Complementary pair with 2SC1317 and 2SC1318.
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SA719 2SA720 2SA719 VCBO VCEO VEBO ICP IC PC Tj Tstg Symbol
(Ta=25C)
Ratings -30 -60 -25 -50 -5 -1 -500 625 150 -55 ~ +150 Unit V
13.50.5
5.10.2
s Features
0.45 -0.1 1.27
+0.2
0.45 -0.1
1.27
+0.2
emitter voltage 2SA720 Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
V V A mA mW C C
2.540.15 123
2.30.2
1:Emitter 2:Collector 3:Base JEDEC:TO-92 EIAJ:SC-43A
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance
*h
(Ta=25C)
Symbol ICBO Conditions VCB = -20V, IE = 0 IC = -10A, IE = 0 IC = -10mA, IB = 0 IE = -10A, IC = 0 VCE = -10V, IC = -150mA VCE = -10V, IC = -500mA IC = -300mA, IB = -30mA IC = -300mA, IB = -30mA VCB = -10V, IE = 50mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz -30 -60 -25 -50 -5 85 40 - 0.35 -1.1 200 6 15 - 0.6 -1.5 V V MHz pF 340 min typ max - 0.1 Unit A V
2SA719 2SA720 2SA719 2SA720
VCBO VCEO VEBO hFE1 hFE2 VCE(sat) VBE(sat) fT Cob
*
V V
FE1
Rank classification
Q 85 ~ 170 R 120 ~ 240 S 170 ~ 340
Rank hFE1
1
Transistor
PC -- Ta
800 12 Ta=25C 700 10 -700
2SA719, 2SA720
IC -- VCE
-800 VCE=-10V Ta=25C
IC -- IB
Collector power dissipation PC (mW)
Collector current IC (mA)
600 500 400 300 200 100 0 0 20 40 60 80 100 120 140 160
8
IB=-1.0mA - 0.9mA - 0.8mA - 0.7mA - 0.6mA - 0.5mA - 0.4mA - 0.3mA - 0.2mA
6
4
2 - 0.1mA 0 0 2 4 6 8 10 12 -100 0 0 -2 -4 -6 -8 -10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (mA)
-600 -500 -400 -300 -200
Base current IB (mA)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-10 -3 -1
VBE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=10 -100 -30 -10 -3 -1 Ta=-25C 75C IC/IB=10 600
hFE -- IC
VCE=-10V
Forward current transfer ratio hFE
500
400
- 0.3 - 0.1 - 0.03 - 0.01 25C
Ta=75C
25C
300 Ta=75C 200 25C -25C 100
-25C
- 0.3 - 0.1 - 0.03 - 0.01 -1
- 0.003 - 0.001 -1
-3
-10
-30
-100 -300 -1000
-3
-10
-30
-100 -300 -1000
0 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (mA)
Collector current IC (mA)
Collector current IC (A)
fT -- IE
240 50
Cob -- VCB
-120
VCER -- RBE
Collector to emitter voltage VCER (V)
IE=0 f=1MHz Ta=25C IC=-2mA Ta=25C
Collector output capacitance Cob (pF)
VCB=-10V Ta=25C
45 40 35 30 25 20 15 10 5 0 -1
Transition frequency fT (MHz)
200
-100
160
-80
120
-60 2SA720 -40 2SA719 -20
80
40
0 1 3 10 30 100
0 -3 -10 -30 -100 1 3 10 30 100 300 1000
Emitter current IE (mA)
Collector to base voltage VCB (V)
Base to emitter resistance RBE (k)
2
Transistor
ICEO -- Ta
104 VCE=-10V -10 -3
2SA719, 2SA720
Area of safe operation (ASO)
Single pulse Ta=25C
Collector current IC (mA)
103
-1
ICP IC t=1s
t=10ms
ICEO (Ta) ICEO (Ta=25C)
- 0.3 - 0.1 - 0.03 - 0.01
102
10
- 0.003 1 0 40 80 120 160 200 - 0.001 - 0.1 - 0.3
-1
-3
-10
-30
-100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
3


▲Up To Search▲   

 
Price & Availability of 2SA719

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X