Part Number Hot Search : 
CPC1968 LC66512 HMC13507 U4945 190J1 Z2SMB16 M35V6 OP500SLD
Product Description
Full Text Search
 

To Download 2SA2056 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA2056
TOSHIBA Transistor Silicon PNP Epitaxial Type
2SA2056
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
* * * High DC current gain: hFE = 200 to 500 (IC = -0.5 A) Low collector-emitter saturation voltage: VCE (sat) = -0.2 V (max) High-speed switching: tf = 90 ns (typ.) Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range t = 10 s DC DC Pulse Symbol VCBO VCEO VEBO IC ICP IB PC (Note 1) Tj Tstg Rating -50 -50 -7 -2.0 -3.5 -200 1000 625 150 -55 to 150 Unit V V V A mA mW C C
JEDEC JEITA TOSHIBA
TO-92 2-3S1A
Weight: 0.01 g (typ.)
Note 1: Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area: 2 645 mm )
Electrical Characteristics (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Collector output capacitance Rise time Switching time Storage time Fall time Symbol ICBO IEBO V (BR) CEO hFE (1) hFE (2) VCE (sat) VBE (sat) Cob tr tstg tf Test Condition VCB = -50 V, IE = 0 VEB = -7 V, IC = 0 IC = -10 mA, IB = 0 VCE = -2 V, IC = -0.3 A VCE = -2 V, IC = -1.0 A IC = -1.0 A, IB = -0.033 A IC = -1.0 A, IB = -0.033 A VCB = -10 V, IE = 0, f = 1 MHz See Figure 1 circuit diagram. VCC -30 V, RL = 30 -IB1 = IB2 = -33 mA Min -50 200 100 Typ. 20 60 250 90 Max -100 -100 500 -0.2 -1.1 ns V V pF Unit nA nA V
1
2001-10-29
2SA2056
Marking
20 s IB2 IB1 Input IB1 VCC RL Output
WF
IB2 Duty cycle < 1%
Figure 1
Switching Time Test Circuit & Timing Chart
2
2001-10-29
2SA2056
IC - VCE
-3 -100 -2.4 -80 -60 -40 -30 -20 1000 -1.8 10000
hFE - IC
(A)
Ta = 100C
Collector current
DC current gain
-10 -6 -4
hFE
IC
-1.2
100
25
-55
-0.6
IB = -2 mA Common emitter Ta = 25C Single nonrepetitive pulse -0.4 -0.8 -1.2 -1.6 -2 -2.4
10
0 0
Collector-emitter voltage VCE
(V)
1 -0.001
Common emitter VCE = -2 V Single nonrepetitive pulse -0.01 -0.1 -1 -10
Collector current
IC
(A)
VCE (sat) - IC
-1
VBE (sat) - IC
-10
Collector-emitter saturation voltage VCE (sat) (V)
-0.1 Ta = 100C -0.01 25
Base-emitter saturation voltage VBE (sat) (V)
Common emitter IC/IB = 30 Single nonrepetitive pulse
Common emitter IC/IB = 30 Single nonrepetitive pulse
-55 -1
25
-55
Ta = 100C
-0.001 -0.001
-0.01
-0.1
-1
-10
-0.1 -0.001
-0.01
-0.1
-1
-10
Collector current
IC
(A)
Collector current
IC
(A)
IC - VBE
-3.0 Common emitter VCE = -2 V -2.4 Single nonrepetitive pulse
IC Collector current
(A)
-1.8
-1.2 Ta = 100C -0.6 25 -55
0 0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
Base-emitter voltage VBE
(V)
3
2001-10-29
2SA2056
rth - tw
1000
Transient thermal resistance rth (C/W)
100
10 Curves should be applied in thermal limited area. Single nonrepetitive pulse 645 mm2) 1 0.001 0.01 0.1 1 10 100 1000 Ta = 25C Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area:
Pulse width
tw
(s)
Safe Operating Area
-10 IC max (pulsed) IC max (continuous) 10 ms 1 ms100 s 10 s 100 ms* -1 10 s*
Collector current
IC
(A)
DC operation * (Ta = 25C) : Single nonrepetitive pulse Ta = 25C -0.1 Note that the curves for 100 ms*, 10 s* and DC operation* will be different when the devices aren't mounted on an FR4 board (glass epoxy, 21.6 mm thick, Cu area: 645 mm ). These characteristic curves must be derated linearly with increase in temperature. -0.01 -0.1 -0.5 -1 -5
-10
-50 -100
Collector-emitter voltage VCE
(V)
VCEO max
4
2001-10-29
2SA2056
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
5
2001-10-29


▲Up To Search▲   

 
Price & Availability of 2SA2056

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X