Part Number Hot Search : 
WV512 PVN012 64333 3T040 SPM3501 ZM4741A 82454NX CENB1121
Product Description
Full Text Search
 

To Download 2SA2009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SA2009
Silicon PNP epitaxial planer type
Unit: mm
(0.425)
For low-frequency high breakdown voltage amplification I Features
* High collector to emitter voltage VCEO * Low noise voltage NV
0.3+0.1 -0.0 3
0.15+0.10 -0.05
1.250.10
2.10.1 5
1
2
0.20.1
(0.65) (0.65)
I Absolute Maximum Ratings Ta = 25C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg Rating -120 -120 -5 -50 -20 150 150 -55 to +150 Unit V V V mA mA mW C C
10
1.30.1 2.00.2
1: Base 2: Emitter 3: Collector EIAJ: SC-70 S Mini Type Package (3-pin)
Marking Symbol: AR
I Electrical Characteristics Ta = 25C 3C
Parameter Collector cutoff current Symbol ICBO ICEO Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Noise voltage Transition frequency Note) *: Rank classification Rank hFE R 180 to 360 S 260 to 520 T 360 to 700
*
Conditions VCB = -50 V, IE = 0 VCE = -50 V, IB = 0 IC = -10 A, IE = 0 IC = -1 mA, IB = 0 IE = -10 A, IC = 0 VCE = -5 V, IC = -2 mA IC = -20 mA, IB = -2 mA VCE = -40 V, IC = -1 mA, GV = 80 dB Rg = 100 kW, Function = FLAT VCB = -5 V, IE = 2 mA, f = 200 MHz
Min
Typ
0 to 0.1
0.90.1
0.9+0.2 -0.1
Max -100 -1
Unit nA A V V V
VCBO VCEO VEBO hFE VCE(sat) NV fT
-120 -120 -5 180 130 120 700 - 0.6
Collector to emitter saturation voltage
V mV MHz
1


▲Up To Search▲   

 
Price & Availability of 2SA2009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X