Part Number Hot Search : 
HT82V M7S25 RCMA1 STC2200 SR5004 TSYS01 AON6538 22100
Product Description
Full Text Search
 

To Download 1N6637US Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * AVAILABLE IN JAN, JANTX, JANTXV, AND JANS PER MIL-PRF-19500/356 * 5 WATT ZENER DIODES * NON CAVITY CONSTRUCTION * METALLURGICALLY BONDED
1N6632US THRU 1N6637US AND 1N5968US AND 1N5969US
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C Power Dissapation: 5W @ TEC=+125C Power Derating: 100mW/C above TEC=+125C Forward Voltage: 1.5 V dc @ IF=1A dc
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified
NOMINAL TEST ZENER CURRENT VOLTAGE IZT VZ@IZT 5% VOLTS 1N6632US 1N6633US 1N6634US 1N6635US 1N6636US 1N6637US 1N5968US 1N5969US 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 mA 380 350 320 290 260 240 220 220 OHMS 3.0 2.5 2.0 2.0 2.0 1.5 1.0 1.0 OHMS 500 500 500 500 450 400 400 1000 VOLTS 0.90 0.80 0.75 0.70 0.60 0.50 0.4 0.5
MAXIMUM ZENER IMPEDANCE
TYPE
ZZ@IZT
ZZK(1) @ IZK=5mA
MAXIMUM REVERSE LEAKAGE CURRENT VOLTAGE
DIM D F G S SURGE CURRENT IZSM AMPS 20.0 18.7 17.6 16.4 15.3 14.4 20 20
MILLIMETERS MIN MAX 3.48 3.76 0.48 0.71 5.08 5.72 0.03MIN.
INCHES MIN MAX .137 .148 0.019 0.028 .200 .225 .001MIN.
REGULATION v VZ
IR
VR VOLTS 1.0 1.0 1.0 1.0 1.0 1.0 4.28 4.74
FIGURE 1
A
300 250 175 25 20 5 5000 1000
DESIGN DATA
CASE: D-5B, Hermetically sealed glass case, PER MIL-PRF 19500/356 LEAD FINISH: Tin / Lead
NOTE 1
IZK=1.0 mA for 1N5969
THERMAL RESISTANCE: (ROJEC): 10 C/W maximum at L = 0 THERMAL IMPEDANCE: (ZOJX): 3 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) of this device is approximately + 4PPM / C. The COE of the Mounting Surface System should be selected to provide a suitable match with this device.
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
IN6632US
thru
IN6637US
and
IN5968US
and
IN5969US
Pd, Rated Power Dissipation (W)
5 4 3 2 1 0 0 25 50 75 100 125 150 175
TEC, End cap temperature (C)
POWER DERATING CURVE
FIGURE 2
100.0
10.0 Zener Impedance ZZT (ohms)
6636 1.0
5968 0.1
0.01 100 200 300 Operating Current IZT (mA) 400 500
FIGURE 3 Zener Impedance vs. Operating Current


▲Up To Search▲   

 
Price & Availability of 1N6637US

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X