PART |
Description |
Maker |
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
IR3081 IR3081MTR IR3081M |
XPHASE VR 10.0 CONTROL IC XPHASE0.0控制IC From old datasheet system XPHASE VR 10.0 Control IC. The Control IC combined with an IR XPhase TM Phase IC provides a full featured and flexible way toimplement a complete VR 10.0 power solution.
|
International Rectifier, Corp. IRF[International Rectifier]
|
AD558S AD558T AD558KP AD558SD AD558 AD558TD AD558J |
DACPORT Low Cost Complete uP-Compatible 8-Bit DAC DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC Voltage-output 8-bit digital-to-analog converter, including output amplifier, full microprocessor interface and precision
|
AD[Analog Devices]
|
ST303S ST303S04PFK1 ST303S04PFN1 ST303S12PFN1 ST30 |
INVERTER GRADE THYRISTORS Stud Version 晶闸管逆变器级螺栓版本 From old datasheet system 400V 471A Inverter Thyristor in a TO-209AE (TO-118) package 1000V 471A Inverter Thyristor in a TO-209AE (TO-118) package 1200V 471A Inverter Thyristor in a TO-209AE (TO-118) package 800V 471A Inverter Thyristor in a TO-209AE (TO-118) package
|
International Rectifier, Corp.
|
LTC1404 LTC1404C LTC1404CS8 LTC1404I LTC1404IS8 14 |
From old datasheet system Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
|
LINER[Linear Technology]
|
TA8429H TA8429 E003810 TA8429HQ |
3.0A FULL VRIDGE DRIVER 3.0A的驱动全VRIDGE From old datasheet system TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reve
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
XC2V1000 XC2V8000 XC2V1000-4FG456C XC2V1000-4FG456 |
From old datasheet system Virtex-II Platform FPGAs: Complete Data Sheet
|
XILINX[Xilinx, Inc]
|
AD9200ARS AD9200ARSRL AD9200JRS AD9200JRSRL AD9200 |
Complete 10-Bit/ 20 MSPS/ 80 mW CMOS A/D Converter Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP48 Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter 完整0位,20 MSPS0毫瓦的CMOS A / D转换
|
Analog Devices, Inc.
|
SOT108-1-118 |
SO14 Reel pack; SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
|
NXP Semiconductors
|
VN770P 6195 |
From old datasheet system QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
|
STMICROELECTRONICS[STMicroelectronics]
|
HI-674A HI3-574AJN-5 HI3-574AKN-5 HI3-574ALN-5 HI3 |
Complete, 12-Bit A/D Converters with Microprocessor Interface 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Complete, 12-Bit A/D Converters with Microprocessor Interface 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Complete, 12-Bit A/D Converters with Microprocessor Interface 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 Complete, 12-Bit A/D Converters with Microprocessor Interface 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 Circular Connector; No. of Contacts:17; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-29 RoHS Compliant: No AC 2C 2#0 PIN RECP BOX JT 53C 53#22 PIN PLUG Circular Connector; No. of Contacts:16; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:20-16 RoHS Compliant: No Complete, 12-Bit A/D Converters
with Microprocessor Interface(完备2 位A/D转换 128 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN Complete/ 12-Bit A/D Converters with Microprocessor Interface Complete 12-Bit A/D Converters with Microprocessor Interface From old datasheet system
|
HARRIS SEMICONDUCTOR Intersil, Corp. INTERSIL[Intersil Corporation] Holt Integrated Circuits
|