PART |
Description |
Maker |
C781PT C781PM C781PS C781PN |
Phase Control SCR 2500 Amperes Average 1600-2100 Volts 4820 A, 1600 V, SCR
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
T7000425 T7002025 T7000225 T7001335 T7002235 T7000 |
Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 1200 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 1800 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 1000 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 2000 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 600 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 200 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 第一阶段控制晶闸管(250-350安培200-2200伏特 Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 2200 V, SCR
|
Powerex Power Semicondu... Powerex Power Semiconductor... PHOENIX CONTACT Deutschland GmbH Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
T7S0650A T7S0166504DN T7S0 |
Phase Control SCR (650 Amperes Average 1600 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
C450PM C450 C450M C450N C450P C450PB C450PD |
Phase Control SCR 1640 Amperes Average 1600 Volts
|
POWEREX[Powerex Power Semiconductors]
|
25RIA160 25RIA80S90 25RIA 25RIA10 25RIA100 25RIA10 |
800V 25A Phase Control SCR in a TO-208AA (TO-48) package 1400V 40A Phase Control SCR in a TO-208AA (TO-48) package 1200V 25A Phase Control SCR in a TO-208AA (TO-48) package 1000V 25A Phase Control SCR in a TO-208AA (TO-48) package 100V 25A Phase Control SCR in a TO-208AA (TO-48) package 600V 25A Phase Control SCR in a TO-208AA (TO-48) package 400V 25A Phase Control SCR in a TO-208AA (TO-48) package 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
T7600130 T7601230 T7602030 T7601630 T7600430 T7600 |
Phase Control SCR (300 Amperes Avg 100-2000 Volts) 470 A, 1000 V, SCR Phase Control SCR (300 Amperes Avg 100-2000 Volts) 470 A, 1200 V, SCR Phase Control SCR (300 Amperes Avg 100-2000 Volts) 470 A, 600 V, SCR Phase Control SCR (300 Amperes Average 2000 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
C783 C783CB C783CD C783CM C783CS C783CP |
Phase Control SCR 1800 Amperes Average 3700 Volts 3300 A, 3600 V, SCR Phase Control SCR 1800 Amperes Avg 3000-3700 Volts
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
N275CH04 N275CH04LOO N275CH04KOO N275CH04HOO N275C |
769.3 A, 400 V, SCR, TO-200AB 5565.65 A, 400 V, SCR 1640.65 A, 600 V, SCR, TO-200AC 36.11 A, 1200 V, SCR, TO-48 2614.05 A, 1400 V, SCR 3799.4 A, 3400 V, SCR 2610.91 A, 2600 V, SCR 133.45 A, 800 V, SCR 4474.5 A, 4200 V, SCR 3925 A, 4500 V, SCR 3925 A, 4400 V, SCR 2692.55 A, 1600 V, SCR 70.65 A, 200 V, SCR, TO-65 3595.3 A, 400 V, SCR 3595.3 A, 200 V, SCR 4003.5 A, 2800 V, SCR 1428.7 A, 1800 V, SCR, TO-200AC 1428.7 A, 1600 V, SCR, TO-200AC 612.3 A, 1600 V, SCR 32.97 A, 1000 V, SCR, TO-48 98.91 A, 1000 V, SCR, TO-65
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
16TTS08S 16TTS08STRL 16TTS08STRR 16TTS16STRR 16TTS |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 12000A条相控制可控硅的一D2 - PAK封装 800V 10A Phase Control SCR in a D2-Pak package 1600V 10A Phase Control SCR in a D2-Pak package 1200V 10A Phase Control SCR in a D2-Pak package CAT5E 350MHZ PATCH CORD, 10 FT BEIGE SURFACE MOUNTABLE PHASE CONTROL SCR 表面贴装相位控制可控
|
IDEC, Corp. International Rectifier, Corp.
|
T5001040 T5001080 T5001140 T5001180 T5001240 T5001 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV07; Number of Contacts:13; Connector Shell Size:11; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT08; Number of Contacts:3; Connector Shell Size:8; Connecting Termination:Crimp; Circular Shell Style:Right Angle Plug Phase Control SCR (40-80 Amperes (63-125 RMS) 1600 Volts) 第一阶段控制晶闸管(40-80安培3-125 RMS)的1600伏特 Phase Control SCR 40-80 Amperes (63-125 RMS) 1600 Volts
|
POWEREX[Powerex Power Semiconductors] Powerex, Inc. Powerex Power Semiconductor...
|
5STP18F1801 5STP18F1601 |
2867 A, 1600 V, SCR Phase Control Thyristor
|
ABB SWITZERLAND LTD SEMICONDUCTORS The ABB Group
|
|