PART |
Description |
Maker |
T10B120B |
T10B series Sibod, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 110V,max. Ir = 50uA @ Vr = 120V,max, Bulk (500pcs).
|
Littelfuse
|
TDC10-1.5A TDC10-100MA TDC10-10A TDC10-12A TDC10-1 |
TDC Series, Glass Tube
|
Cooper Bussmann, Inc.
|
S16XXXH S16100NH S1610NH S1616MH S1616NH S16200NH |
The S16xxxH series of SCRs uses a high performance MESA GLASS PNPN technology. 在可控硅S16xxxH系列采用高性能的梅萨玻璃PNPN技术
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
VJ12MT0950KBA VJ15MA0160KBA VJ13M00250K VJ13M00300 |
Glass Encapsulated SMD Varistor MLV Glass Encapsulated SMD Varistor MLV (VJ12, 20, 13, 14, 15, 32) Automotive MLV Range ?MA and PA Series
|
AVX Corporation
|
SEN-R-1034-001 SEN-R-1034-002 SEN-R-1034-013 SEN-R |
TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT SERIES GLASS PASSIVATED DIE PLUS DUAL HEAT STRIPS
|
SENSITRON[Sensitron]
|
138D107X0010F2 138D127X0015F2 138D156X0015C2 138D1 |
Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal Wet Tantalum Capacitors Sintered Anode TANTALEX?? Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:32; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal 液体钽电容器烧结阳极TANTALEX??电容器密封型,具有真玻璃对钽密封
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
SEN-R-956-XXX SEN-R-956-009 SEN-R-956-012 SEN-R-95 |
TRANSIENT VOLTAGE SUPPRESSOR 500 WATT SERIES Glass Passivated Die Plus Dual Heat Strips BIDIRECTIONAL, SILICON, TVS DIODE
|
Sensitron Semiconductor
|
67068-8000 |
Wire-To-Board Connector; Number of Contacts:8; Body Material:Polyester, Glass-filled; Contact Plating:Gold Flash; Series:67068; Color:Black
|
MOLEX INC
|
51110-2851 |
Multipole Connector; Gender:Male; Number of Contacts:28; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079"
|
Molex
|
90059-0009 |
Multipole Connector; No. of Contacts:2; Pitch Spacing:2.54mm; No. of Rows:1; Gender:Female; Series:90059; Body Material:Polyester, Glass-filled; Color:White; Connecting Termination:Crimp RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Molex, Inc.
|
GBPC25 GBPC GBPC35 GBPC12 GBPC15 GBPC2504 GBPC3504 |
12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers Aluminum Polymer Radial Lead Capacitor; Capacitance: 680uF; Voltage: 6.3V; Case Size: 10x13 mm; Packaging: Bulk 12/ 15/ 25/ 35 Ampere Glass Passivated Bridge Rectifiers 25 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电5A,重复反相电压峰00V)) 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers 12555安培玻璃钝化整流 25 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V)) 15 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V))
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
S1D-T3 S1D-T1 S1G-T3 S1A S1M-T3 S1A-T1 S1A-T3 S1B- |
MLT Series Linear Position Transducer, 25,4 mm [1.0 in] Electrical Travel, 1.0 % Linearity, Item Number F38000101 安培表面贴装玻璃钝化整流 MLT Series Linear Position Transducer, 25,4 mm [1.0 in] Electrical Travel, 0.25 % Linearity, Item Number F38000201 安培表面贴装玻璃钝化整流 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Honeywell International, Inc. Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|