PART |
Description |
Maker |
T10A120T T10A130B T10A200T T10A240T T10A270B |
T10A series SiBOD, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 108V,max. Ir = 50uA @ Vr = 120V,max, Tape and reeled (1500pcs). T10A series SiBOD, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 117V,max. Ir = 50uA @ Vr = 130V,max, Bulk (500pcs). T10A series SiBOD, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 180V,max. Ir = 50uA @ Vr = 200V,max, Tape and reeled (1500pcs). T10A series SiBOD, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 216V,max. Ir = 50uA @ Vr = 240V,max, Tape and reeled (1500pcs). T10A series SiBOD, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 243V,max. Ir = 50uA @ Vr = 270V,max, Bulk (500pcs).
|
Littelfuse
|
TDC10-1.5A TDC10-100MA TDC10-10A TDC10-12A TDC10-1 |
TDC Series, Glass Tube
|
Cooper Bussmann, Inc.
|
STPR810DB STPR820DB STPR805DB STPR815DB |
SUPER FAST GLASS PASSIVATED RECTIFIERS KJ SERIES II 玻璃钝化超快速整流器
|
Lite-On Technology Corp... http:// LITEON[Lite-On Technology Corporation] Lite-On Technology, Corp.
|
AGA-15 |
1/4 x 5/8 Fast-Acting, Glass Tube Fuses AGA Series
|
Cooper Bussmann, Inc.
|
SEN-R-1050-004 SEN-R-1050-XXX SEN-R-1050-001 SEN-R |
TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT SERIES GLASS PASSIVATED DIE/CELL
|
SENSITRON[Sensitron]
|
138D107X0010F2 138D127X0015F2 138D156X0015C2 138D1 |
Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal Wet Tantalum Capacitors Sintered Anode TANTALEX?? Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:32; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal 液体钽电容器烧结阳极TANTALEX??电容器密封型,具有真玻璃对钽密封
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
FRC3-CXXX FRC5 FRC-D FRC-E FRC3-AXXX FRC-EXXX FRC- |
(FRC3 Series) High Current Version (FRC5 Series) UL Recognized (FRC-D Series) PCB Connectors (FRC-E Series) PCB Connectors (FRC-J Series) PCB Connectors (DHB Series) Board to Board and Board to Cable Connectors (HU5 Series) Low Profile Header Connectors Intermateable (HTC Series) Grid Hard Metric Connectors (HTC Series) Hard Metric Coding Key (DHD Series) 1.27mm Center Flat Ribbon Cable IDC Connectors (DDMM Series) Socket (DFJ Series) Pitch Stacking Connector (DHE Series) Centerline IDC Connectors
|
DDK
|
FUF2005 FUF2007 FUF2006 FUF2004 FUF2003 FUF2002 FU |
50 V, 2 A glass passivated ultrafast recovery rectifier 100 V, 2 A glass passivated ultrafast recovery rectifier 200 V, 2 A glass passivated ultrafast recovery rectifier 400 V, 2 A glass passivated ultrafast recovery rectifier 800 V, 2 A glass passivated ultrafast recovery rectifier 1000 V, 2 A glass passivated ultrafast recovery rectifier 600 V, 2 A glass passivated ultrafast recovery rectifier RECTIFIER DIODE, DO-15 Ultrafast Recovery Rectifiers 超快恢复二极
|
Fagor International Rectifier, Corp. Vishay Intertechnology, Inc.
|
2A07G 2A01G 2A02G 2A03G 2A04G 2A05G 2A06G |
2.0A GLASS PASSIVATED RECTIFIER FAN, GALAXY, 127X38MM, 24V; Series:Galaxy; Flow rate:150cu.ft/min; Flow rate, imperial:150cu.ft/min; Length / Height, external:127mm; Width, external 2.0A GLASS PASSIVATED RECTIFIER 2 A, 200 V, SILICON, RECTIFIER DIODE, DO-15
|
Diodes, Inc. DIODES[Diodes Incorporated] Diodes Inc.
|
SEN-R-1050-010 SEN-R-1050-026 SEN-R-1050-027 SEN-R |
TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT SERIES GLASS PASSIVATED DIE/CELL 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Sensitron Semiconductor
|
51110-2450 51110-1250 51110-1050 51110-2651 51110- |
Multipole Connector; Gender:Male; Number of Contacts:24; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079" 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:12; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:10; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLUG,26 Contacts,0.079 Pitch 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:16; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CONN HOUSING 2MM 18POS POLARIZED 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CRIMP HOUSING, M/GRID 16WAY ; Ways, No. of:16; Approval Bodies:UL, CSA; Contacts, No. of:16; Current rating:1A; Dielectric strength, VAC:500V; Flammability rating:UL94V-0; Housing type:Black G.F. Polyester; Pitch:2mm; Resistance,
|
Molex, Inc. MOLEX INC
|
ES3A-ES3J ES3D ES3J ES3G ES3B |
Glass Superfast Recovery Rectifiers SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
|
HY ELECTRONIC CORP. http://
|
|