PART |
Description |
Maker |
SQF-SMSM4-XX-SBE SQF-SMSM4-XX-SBC SQF-SMS640 |
SATA III (6.0Gb) mSATA
|
Advantech Co., Ltd.
|
PCE-5126QVG-00A1E PCE-5126QG2-00A1E PCE-5126WG2-00 |
LGA1155 Intel? Corei7/i5/i3 SHB with DDR3/Dual GbE/SATA III
|
Advantech Co., Ltd.
|
U357025R |
USB 3.0 SuperSpeed External 2.5 SatA III Hard Drive Enclosure with Built-in Cable
|
Tripp Lite. All Rights ...
|
SII4726 |
SATA to 5-Port SATA Device SteelVineStorage Processor
|
Silicon Image, Inc.
|
FCFC32G-100Q FCFW02G-100D FCFW16G-100Q FCFC02G-100 |
CFast card specification standard, Capacity: 2GB up to 32GB
|
Axiomtek Co., Ltd.
|
TSC21020F-20MA/883 TSC21020F-20MASB TSC21020F-20MA |
IC CYCLONE III FPGA 16K 484FBGA IC CYCLONE III FPGA 16K 164 MBGA IC CYCLONE III FPGA 25K 256 FBGA IC CYCLONE III FPGA 55K 484FBGA IC CYCLONE III FPGA 40K 484 UBGA IC CYCLONE III FPGA 25K 324 FBGA IC CYCLONE III FPGA 40K 484UBGA IC CYCLONE III FPGA 40K 324 FBGA IC CYCLONE III FPGA 40K 780 FBGA IC CYCLONE III FPGA 40K 484FBGA IC CYCLONE III FPGA 40K 780FBGA FPGA, CYCLONE III, 40K LE, 240 PQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:128; IC CYCLONE III FPGA 25K 144 EQFP IC CYCLONE III FPGA 16K 256 UBGA FPGA, CYCLONE III, 40K LE, 324FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:195; IC CYCLONE III FPGA 16K 256FBGA 数字信号处理器| 32位|的CMOS | RAD数据通信硬|美巡赛| 223PIN |陶瓷 IC CYCLONE III FPGA 16K 240PQFP
|
TE Connectivity, Ltd.
|
AK-400100-008-R |
SATA Anschlusskabel, SATA 7pin, L-Typ/Bu - SATA 7pin, L-Typ/Bu
|
Assmann Electronics Inc.
|
TSC390 TSC395 TSC391 TSC392 TSC393 TSC394 TSC391AL |
FPGA, CYCLONE III, 80K LE, 780FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:429; IC FLEX 6000 FPGA 10K 100-TQFP IC CYCLONE III FPGA 80K 484 UBGA Dual Interface Buffers
|
MICROSEMI[Microsemi Corporation]
|
SYS-1U1320-4A01 |
1U Intel垄莽 Core垄芒 2 ATX System with One PCIe x4 Slot & Two SATA Trays 1U Intel? Core 2 ATX System with One PCIe x4 Slot & Two SATA Trays
|
Advantech Co., Ltd.
|
SYS-1U1320-4A02 |
1U Intel垄莽 Core垄芒 2 Quad ATX System with Two SATA HDD Trays 1U Intel? Core 2 Quad ATX System with Two SATA HDD Trays
|
Advantech Co., Ltd.
|
LXHL-LW3C LXHL-FB3C LXHL-FM3C LXHL-FW3C LXHL-LB3C |
(LXHL-xxxx) Luxeon III Star Luxeon III Star Luxeon III的星 2mm TERMINAL STRIP
|
luxeon Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|