PART |
Description |
Maker |
A11CSQ24VDC1.5R A11ASP24VDC1.5R A11CSP24VDC1.5R |
Switching capacity up to 30A
|
CIT Relay & Switch
|
2SC4876 |
Switching Power Transistor(30A NPN)
|
Shindengen Electric Mfg... Shindengen Electric Mfg.Co.Ltd
|
NV23K-C NV23K-A |
Heavy contact load switching current up to 30A Heavy contact load switching current up to 30A.
|
HuaXinAn Electronics CO...
|
LTC3706EGNPBF |
Secondary-Side Synchronous Forward Controller with Polyphase Capability; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C SWITCHING CONTROLLER, 353 kHz SWITCHING FREQ-MAX, PDSO24
|
Linear Technology, Corp.
|
U30D30 U30D40 U30D50 U30D60 U30D40A |
Switchmode dual ultrafast power rectifier, 30A, 400V, 50ns POWER RECTIFIERS(30A,300-600V)
|
MOSPEC[Mospec Semiconductor]
|
ISL6540ACRZA-T |
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability; Temperature Range: 0°C to 70°C; Package: 28-QFN T&R 4 A SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp.
|
RJK0852DPB RJK0852DPB-00-J5 RJK0852DPB-13 |
80V, 30A, 12m max. Silicon N Channel Power MOS FET Power Switching
|
Renesas Electronics Corporation
|
SB300-05H |
50V/ 30A Rectifier 50V, 30A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
SANYO[Sanyo Semicon Device]
|
SR130 SR140 SR160 SR120 SR150 |
High surge current capability High current capability Low forward voltage drop
|
First Components International First Components Intern...
|
25CTQ045S 25CTQ045-1 25CTQ 25CTQ035-1 25CTQ035S 25 |
45V 30A Schottky Common Cathode Diode in a D2-Pak package SCHOTTKYRECTIFIER SCHOTTKY RECTIFIER 35V 30A Schottky Common Cathode Diode in a TO-220AB package 35V 30A Schottky Common Cathode Diode in a D2-Pak package 35V 30A Schottky Common Cathode Diode in a TO-262 package 40V 30A Schottky Common Cathode Diode in a TO-262 package 45V 30A Schottky Common Cathode Diode in a TO-262 package 40V 30A Schottky Common Cathode Diode in a TO-220AB package 45V 30A Schottky Common Cathode Diode in a TO-220AB package 40V 30A Schottky Common Cathode Diode in a D2-Pak package
|
InternationalRectifier IRF[International Rectifier]
|
MAX4762EBC-T MAX4762-MAX4765 MAX4762EUB MAX4765ETC |
LOW-VOLTAGE, DUAL SPDT, AUDIO CLICKLESS SWITCHES WITH NEGATIVE RAIL CAPABILITY Low-Voltage Dual SPDT Audio Clickless Switches with Negative Rail Capability Low-Voltage / Dual SPDT / Audio Clickless Switches with Negative Rail Capability Low-Voltage. Dual SPDT. Audio Clickless Switches with Negative Rail Capability 3.3V CAN with Standby Mode, Autobaud Loop-back 8-SOIC -40 to 125
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
30ETH06 30ETH06-1 30ETH06S |
Hyperfast Rectifier 600V 30A HyperFast Discrete Diode in a TO-220AC package 600V 30A HyperFast Discrete Diode in a TO-262 package 600V 30A HyperFast Discrete Diode in a D2-Pak (UltraFast) package
|
IRF[International Rectifier]
|