PART |
Description |
Maker |
LT3062-15 |
45V VIN, Micropower, Low Noise, 200mA LDO
|
Linear Technology
|
LT3080 LT3080-1 LT3060 |
45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
|
Linear Technology
|
ADR292 ADR290FR ADR292FR ADR290ER-RELL ADR290FR-RE |
18V; low noise micropower precision voltage reference. For portable instrumentation, precision reference for 3 or 5V systems Precision, Micropower 2.5 V XFET(TM) Reference Precision, Micropower 4.096V XFET Reference Precision, Micropower 2.048 V XFET Reference Low Noise Micropower
2.048 V, 2.5 V, and 4.096 V
Precision Voltage References Low Noise Micropower Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 Low Noise Micropower Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Low Noise Micropower Precision Voltage References 低噪声微精密电压基准 Low Noise Micropower Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.048 V, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
AD8617ARMZ AD8613AKSZ-R2 AD8613AKSZ-REEL AD8613AUJ |
Low Cost Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifier; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 2200 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO8 Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
MIC69101 MIC69101-1.8YML MIC69103YML |
Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
|
Micrel Semiconductor
|
LT1762 LT1762-5 LT1762-3.3 LT1762-3 LT1762-2.5 LT1 |
150mA, Low Noise, LDO Micropower Regulators(3.3V输出50mA,低噪声,低压差稳压器) 150mA的,低噪声,LDO的微功耗稳压器3.3V的输出,50mA,低噪声,低压差稳压器) 150mA, Low Noise, LDO Micropower Regulators(2.5V输出50mA,低噪声,低压差稳压器)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT3024EDE-PBF LT3024IDE-PBF LT3024EFE-PBF LT3024IF |
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
|
Linear Technology
|
LT3024 3024FS |
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator From old datasheet system
|
linear
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
LT3027 LT3027EMSE LT3027IMSE LT3027EDD LT3027IDD |
From old datasheet system Dual 100mA, Low Dropout, Low Noise, Micropower Regulator wih Independent Inputs
|
LINER[Linear Technology]
|
AS13985H33-T AS13985 AS13985F12-T AS13985F18-T AS1 |
Micropower 150mA Low-Noise LDO
|
austriamicrosystems AG
|
AS13985 |
Micropower 150mA Low-Noise LDO
|
ams AG
|