PART |
Description |
Maker |
IR2122S IR2122 |
CURRENT SENSING SINGLE CHANNEL DRIVER CURRENT LIMITING SINGLE CHANNEL DRIVER Single High Side Driver, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package Single High Side Driver, Current Sensing, Overcurent Fault Signal in a 8-lead SOIC package
|
IRF[International Rectifier]
|
IR2170 IR2170S |
Current Sensing IC in a 8-lead SOIC package Current Sensing IC in a 8-pin DIP package OVER CURRENT SENSING IC
|
IRF[International Rectifier]
|
Y44870R10000B0R |
Technology High Precision, Current Sensing, Power Surface Mount
|
Vishay Siliconix
|
ENO-0680 |
Remote on/off sensing, Power good TTL Signal Short Circuit, Over Current & Voltage Protection High Efficiency
|
List of Unclassifed Man...
|
VFP-4 Y073321K5000A0L Y073421K5000A0L Y073321K5000 |
Bulk Metal㈢ Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/∑C, Tolerance to 【 0.01 % and power up to 10 Watts Bulk Metal? Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts Bulk Metal庐 Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/掳C, Tolerance to 卤 0.01 % and power up to 10 Watts Bulk Metal垄莽 Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/隆?C, Tolerance to 隆戮 0.01 % and power up to 10 Watts
|
Vishay Siliconix
|
FL7760 |
High-Side Sensing Constant Current Buck Controller
|
ON Semiconductor
|
SUM60N08-07C SI6862DQ SI4730EY AN606 SUM50N03-13LC |
Current-Sensing Power MOSFETs
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
IR3312S |
Fully Protected 4 Terminal Programmable Current Sensing High Side Switch
|
International Rectifier
|
IR2175 IR2175S |
Linear Current Sensing IC in a 8-Lead DIP package Linear Current Sensing IC in a 8-lead SOIC package
|
International Rectifier
|
IDT70V05L15GI IDT70V05L20GI IDT70V05L35GI IDT70V05 |
8K x 8 3.3v Dual-Port RAM Part Sensing Light Screen; Light Curtain Type:Parts Sensing; Control Output Type:NPN & PNP; Protection Height:67mm; Sensing Range Max:2m; Supply Voltage Max:30VDC; Sensing Range Min:150mm; Supply Voltage:30VDC High Speed JFET-Input Quad Operational Amplifier 14-CDIP -55 to 125 Dual OpAmp With Internal Reference 8-SOIC -40 to 105 20V N & P-Channel PowerTrench MOSFETs HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 35 ns, CPGA68 HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 55 ns, PQFP64
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
2SD2318 2SD2318V |
High-current gain Power Transistor (-60V/ -3A) Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset High-current gain Power Transistor(60V/ 3A) High-current gain Power Transistor(60V, 3A)
|
Rohm CO.,LTD.
|
ACS756SCA-050B-PFF-T ACS756SCA-100B-PFF-T ACS756KC |
The Allegro ACS756 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing in industrial, automotive, commercial, and communications systems.
|
Allegro MicroSystems
|