PART |
Description |
Maker |
CSRS545-A |
Super Low Barrier High Voltage Power Rectifier
|
Chip Integration Techno...
|
CS30100CT-A |
Super Low Barrier High Voltage Power Rectifier
|
Chip Integration Techno...
|
CSF10S280CT-A |
Super Low Barrier High Voltage Power Rectifier
|
Chip Integration Techno...
|
CSF20200CT-A |
Super Low Barrier High Voltage Power Rectifier
|
Chip Integration Techno...
|
CSF20S120CT |
Super Low Barrier High Voltage Power Rectifier
|
Chip Integration Techno...
|
CSF10L150CT |
Super Low Barrier High Voltage Power Rectifier
|
Chip Integration Techno...
|
MSK5012ZU MSK5012BTD MSK5012BTS MSK5012BTU MSK5012 |
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
|
MSK[M.S. Kennedy Corporation]
|
MSK5021E MSK5021 MSK5021B |
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
|
MSK[M.S. Kennedy Corporation]
|
SBR05U20LP SBR05U20LP-7 |
SBR® Super Barrier Rectifiers: Small Outline Packages Surface Mount Super Barrier Rectifier
|
Dionics Inc. IRF[International Rectifier]
|
SS2PH9-E3_84A SS2PH9-E3_85A SS2PH9HE3_84A SS2PH9HE |
High-Voltage Surface Mount Schottky Barrier Rectifiers High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
MSK5021 |
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR From old datasheet system
|
ETC
|
AM29SL400CT100REI AM29SL400CT150WAF AM29SL400CB120 |
CAP 150UF 4V 20% TANT SMD-7343-30 TR-7 M16C Series, 6N4 Group, 3-ch IEBus, 3-phase PWM, CRC 100P6Q-A; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PLQP0100KB-A High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic Octal InvertingTransparent Latch with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic Octal Positive-Edge Triggered D-Type Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic 12-Stage Binary Counter 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 110 ns, PDSO48 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 100 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48
|
Spansion Inc. Spansion, Inc. Xicon Passive Components Amphenol, Corp.
|