PART |
Description |
Maker |
C3D04060E |
4A, 600V, Z-Rec? Schottky, TO-252-2 package
|
Wolfspeed
|
C3D06060G |
6A, 600V, Z-Rec? Schottky, TO-263-2 package
|
Wolfspeed
|
DL4937-13-F |
DIODE FAST REC 600V 1A SMD MELF 1 A, 600 V, SILICON, SIGNAL DIODE
|
Diodes, Inc.
|
REC110L3F103W REC110L3E103W REC110L3D103W REC110L3 |
Precision Linear Transducers, Conductive Plastic, Compact, Robust, Large Measurement Range, High Accuracy, Long Life, Essentially Infinite Resolution, Easy Mounting Precision Linear Transducers Conductive Plastic (REC) Precision Linear Transducers/ Conductive Plastic (REC) Precision Linear Transducers, Conductive Plastic (REC) 精密线性传感器,导电塑料(承包 CRIMP TOOL; RoHS Compliant: NA 精密线性传感器,导电塑料(承包
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc. Analog Devices, Inc.
|
71973-1227 71973-0327 71973-1033 71973-0216 71973- |
A-71973-1227 54 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 30 SAu 54Ckt 54 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE A-71973-1033 66 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 15 SAu 32Ckt 32 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 30 SAu 38Ckt 38 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 15 SAu 50Ckt 50 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 15 SAu 28Ckt 28 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 15 SAu 36Ckt 36 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 15 SAu 42Ckt 42 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE A-71973-1211 22 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE A-71973-1235 70 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid TH RA Erly Rec DR 15 SAu 62Ckt 62 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE A-71973-1221 42 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE A-71973-1024 CGrid TH RA Erly Rec DR 15 SAu 22Ckt A-71973-1232
|
Molex, Inc. MOLEX INC
|
ISL9R1560G2 ISL9R1560S3S ISL9R1560P2 ISL9R1560S2 I |
15A, 600V StealthDiode 15 A, 600 V, SILICON, RECTIFIER DIODE, TO-262 15A, 600V Stealth Diode 15A/ 600V Stealth Diode 15A, 600V Stealth⑩ Diode 15A, 600V Stealth Single Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
OBUD-TOR-25X15X10 |
UL REC. UL 94V-0
|
FERYSTER Inductive Components Manufacturer
|
CPW5-1700-Z050B |
Z-Rec? Rectifier
|
Wolfspeed
|
CPW5-0650-Z050B |
Z-Rec? Rectifier
|
Wolfspeed
|
MBR0540-N MBR0520-N MBR0530-N |
IGBT HS W/DIODE 600V 20A TO220AB 肖特基二极管芯片-硅外延式龙门 MOSFET N-CH 500V 3A D2-PAK Chip Schottky Barrier Diodes - Silicon epitaxial planer type
|
缇?附寰??瀵间??????? Formosa Microsemi Co., Ltd. 美丽微半导体有限公司 Formosa MS
|
|