PART |
Description |
Maker |
BTA12-600CW |
With TO-220AB insulated package
|
Inchange Semiconductor ...
|
IRG4BC10KD IRG4BC10KDPBF |
9 A, 600 V, N-CHANNEL IGBT, TO-220AB INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.2.39V, @Vge=15V, Ic=5.0A) 600V UltraFast 8-25 kHz Copack IGBT in a TO-220AB package
|
International Rectifier
|
IRGBC20F |
600V Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|
IRGBC30U |
600V Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|
IRG4BC29F IRG4BC30F IRG4BC30 |
600V Fast 1-8 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.59V,@和VGE \u003d 15V的,集成电路\u003d 17A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
APT20GF120KRG |
Insulated Gate Bipolar Transistor-NPT Medium Speed; Package: TO-220 [K]; BV(CES) (V): 1200; VCE(sat) (V): 3.2; IC (A): 20; 32 A, 1200 V, N-CHANNEL IGBT, TO-220AB
|
Microsemi, Corp.
|
IRG4BC20U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
|
IRF[International Rectifier]
|
IRG4BC40W IRG4BC40W-S |
600V Warp 60-150 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.05V, @Vge=15V, Ic=20A)
|
IRF[International Rectifier]
|
TIP112T MJE15028A BUT56AW BUT56AA BUT56AN MOTOROLA |
2 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB 8 A, 120 V, NPN, Si, POWER TRANSISTOR, TO-220AB 8 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-220AB 7 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB 5 A, 700 V, NPN, Si, POWER TRANSISTOR, TO-220AB 2.5 A, 750 V, NPN, Si, POWER TRANSISTOR, TO-220AB 3 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB 6 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB 1 A, 300 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
BUZ215-E3045 |
5 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220AB, 3 PIN
|
SIEMENS AG Infineon Technologies AG
|
IRG4BC20K |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A) 绝缘栅双极晶体管VCES和\u003d 600V电压的Vce(on)典\u003d 2.27V,@和VGE \u003d 15V的,集成电路\u003d 9.0,9.0
|
IRF[International Rectifier] International Rectifier, Corp.
|
|