PART |
Description |
Maker |
SX8725SWLTDT |
ZoomingADC for sensing data acquisition ADVANCED COMMUNICATIONS & SENSING
|
Semtech Corporation
|
IR2170 IR2170S |
Current Sensing IC in a 8-lead SOIC package Current Sensing IC in a 8-pin DIP package OVER CURRENT SENSING IC
|
IRF[International Rectifier]
|
FXM2IC102 FXM2IC102L8X |
Dual Supply 2-Bit I2C Interface Voltage Translator with Configurable Voltage Supplies and Signal Levels and Auto Direction Sensing
|
Fairchild Semiconductor
|
FXLA102 FXLA102L8X |
Low Voltage Dual Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
|
Fairchild Semiconductor
|
MC34064D-5R2 MC34064-D |
Undervoltage Sensing Circuit Under voltage Sensing Circuit
|
On Semiconductor
|
IDT70V05L15GI IDT70V05L20GI IDT70V05L35GI IDT70V05 |
8K x 8 3.3v Dual-Port RAM Part Sensing Light Screen; Light Curtain Type:Parts Sensing; Control Output Type:NPN & PNP; Protection Height:67mm; Sensing Range Max:2m; Supply Voltage Max:30VDC; Sensing Range Min:150mm; Supply Voltage:30VDC High Speed JFET-Input Quad Operational Amplifier 14-CDIP -55 to 125 Dual OpAmp With Internal Reference 8-SOIC -40 to 105 20V N & P-Channel PowerTrench MOSFETs HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 35 ns, CPGA68 HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 55 ns, PQFP64
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
CXD4017R |
Reception Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
|
Sony Corporation
|
QEC113 QEC112 |
GAAS INFRARED EMITTING DIODE 2.9 mm, 1 ELEMENT, INFRARED LED, 940 nm
|
QT[QT Optoelectronics]
|
LN59-LNA2702L LNA2702L LN59 |
GaAs Bi-directional Infrared Light Emitting Diodes 2.5 mm, 1 ELEMENT, INFRARED LED, 940 nm
|
Panasonic, Corp. Panasonic Corporation Panasonic Semiconductor
|
MTE100 MTE1100 |
GaAs INFRARED EMITTER INFRARED LED FOR PHOTO SENSOR
|
Marktech Optoelectronics MARKTECH[Marktech Corporate]
|