PART |
Description |
Maker |
AAT2400 |
Sixteen-Channel White LED Driver Solution
|
Skyworks Solutions Inc.
|
A6276ELP-T A6276EA-T A6276SLWTR-T 6276_03 A6276ELP |
16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIV ER
|
ALLEGRO[Allegro MicroSystems]
|
557-1005-203 557-1502-203 |
LED Indicator; Color:White; Luminous Intensity (MSCP):1000ucd; Voltage Rating:24V; LED Color:White; Leaded Process Compatible:No; Lens Width:17.8; Peak Reflow Compatible (260 C):No; Terminal Type:Panel Mount SINGLE COLOR LED, WHITE, 17.8 mm LED Panel Mount Indicator 11/16 Mounting Hole, Watertight SINGLE COLOR LED, RED, 17.8 mm
|
Dialight PLC
|
OCP-PCT4116E-TR |
SIXTEEN PIN SURFACE MOUNT QUAD CHANNEL PHOTOCOUPLER
|
LUMEX INC.
|
LTW-2H7C5S LITE-ONELECTRONICSINC-LTW-2H7C5S |
Property of Lite-On Only LED WHITE CLEAR 1800MCD T1 3/4 T-1 3/4 SINGLE COLOR LED, WHITE, 5 mm
|
Lite-On Technology Corporation Lite-On Technology, Corp.
|
DS21FF44 DS21FT44 |
4x3 Twelve Channel E1 Framer / 4x4 Sixteen Channel E1 Framer
|
MAXIM - Dallas Semiconductor
|
T6340A T6505A T6505A-ADG T6505A-AEG T6505A-BDG T65 |
T6340A provides the low-dropout bias supply and the high performance alternative solution for the white LEDs application. T6505A is designed for LED displays. The T6506A is a 3-channel constant current LED drivers. 16-channel Constant Current LED Driver with LVDS Interface 24-channel LED Driver with LVDS Interface 16-channel LED Driver with LVDS Interface 24-channel Constant Current LED Driver with LVDS Interface The T8601 is a low cost, simple, high-efficiency off-line LED driver IC. The T8611 is a simple, high voltage, linear current regulator. The T6331A are integrated, high-efficiency white or RGB LED drivers. The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The T6333A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
|
Taiwan Memory Technology THine Electronics, Inc.
|
BD65D00MUV |
4-Channel White LED Driver
|
Rohm
|
BD6581GU-E2 |
6-Channel White LED Driver for up to 72 LEDs
|
Rohm
|
AOD488 |
N-Channel 40-V (D-S) MOSFET White LED boost converters
|
ShenZhen FreesCale Electronics. Co., Ltd
|
MCD436 |
N-Channel 30-V (D-S) MOSFET White LED boost converters
|
ShenZhen FreesCale Electronics. Co., Ltd
|
MCD456 |
N-Channel 30-V (D-S) MOSFET White LED boost converters
|
ShenZhen FreesCale Electronics. Co., Ltd
|