PART |
Description |
Maker |
3SE |
Limit Switches
|
ETC
|
440P-CHLM12B 440P-CHLM12E 440P-CHLM12R6 440P-CALB0 |
Safety Limit Switches
|
Allen-Bradley
|
G551 G552 |
Current-Limit Switches
|
Global Mixed-mode Technology Inc
|
MAX4798EUK-T MAX4795 MAX4795ETT MAX4796ETT MAX4796 |
450mA/500mA Current-Limit Switches
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products]
|
MAX14523CATA MAX14523AATA MAX14523ALATA MAX14523BA |
250mA to 1.5A, Adjustable Current-Limit Switches
|
Maxim Integrated Produc... Maxim Integrated Products http://
|
MAX4789ETT MAX4789EUK MAX4793ETT MAX4793EUK MAX479 |
200mA/250mA/300mA Current-Limit Switches
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products]
|
CY8C24794-SPI CY8C24794-SPAX CY8C24794-SPLFX CY8C2 |
Explosion-Proof Limit Switches Series CX: Short Housing: Top Plunger; 1NC 1NO SPDT Snap Action; Number of internal basic switches BZ: 1; 0.75 in - 14NPT conduit Environmentally sealed limit switch with Leadwire termination, Rotary Roller Lever actuation, Double Pole Double Throw (DPDT) Circuitry, 5 A (Resistive) ampere rating at 28 Vdc, Military Part Number MS21320-2 PSoCTM Mixed-Signal Array PSoCTM混合信号阵列 Environmentally sealed limit switch with Leadwire termination, Rotary Roller Lever actuation, Double Pole Double Throw (DPDT) Circuitry, 5 A (Resistive) ampere rating at 28 Vdc, Military Part Number MS21320-1 PSoCTM混合信号阵列
|
Cypress Semiconductor Corp.
|
D4N-1120 D4N-1122 D4N-1125 D4N-1126 D4N-112G D4N-1 |
Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
|
Omron Electronics LLC
|
MAX4917BELTT MAX4914BELTT MAX4917AEUKT MAX4917BEUK |
100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc...
|
KHS62C KHS62E KHS22C KHS22E KHS102E KHS102C |
MINI DIP SWITCHES
|
ETC
|