PART |
Description |
Maker |
91658-0020 |
track-it? Traceability Pad
|
Molex Electronics Ltd.
|
AN926 |
BRAND TRACEABILITY WITH NVRAM AND TIMEKEEPER
|
SGS Thomson Microelectronics
|
P2NS |
For suggested pad layout, see drawing: PAD-01
|
All Sensors Corporation
|
P2NQ |
For suggested pad layout, see drawing: PAD-01
|
All Sensors Corporation
|
ZTT-MT-20.000 ZTT-MX-20.000 ZTT-MG-20.000 ZTA ZTA- |
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
|
ILSI America LLC
|
ZTACV ZTACV-MX-20.000 ZTTCV-MX-20.000 |
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
|
ILSI America LLC
|
MAX163 MAX163BCNG MAX163BCWG MAX163BENG MAX163BEWG |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% RECTIFIER 6A 100V R-6 RECTIFIER 6A 50V R-6 RECTIFIER 6A 1000V R-6 CMOS 12-Bit A/D Converters With Track-and-Hold 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC24 CMOS 12-Bit A/D Converters With Track-and-Hold 的CMOS 12A / D转换器与跟踪保持电路 CMOS 12-bit A/D converter with track-and-hold. Error -1 LSB.
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC
|
AD389KD AD389BD AD389 |
HIGH RESOLUTION TRACK-AND-HOLD AMPLIFIER HIGH RESOLUTION TRACK-AND-HOLD AMPLIFIER TRACK AND HOLD AMPLIFIER, 2.5 us ACQUISITION TIME, CDIP14
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
5962-8976405MYA 5962-8976405MXA 5962-8976405MZA 59 |
5µs, 8-Bit ADC with Track/Hold and Reference 5µs, 8-Bit ADC with Track/Hold and Reference x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM Advanced Lithium-Ion Battery-Pack Protector x8双端口SRAM Multichannel Remote/Local Temperature Sensors x8双端口SRAM
|
PRECI-DIP SA Sensitron Semiconductor Vishay Intertechnology, Inc.
|
HI5812KIBZ HI5812JIBZ HI5812JIPZ HI581205 HI5812KI |
CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 CMOS 20 Microsecond, 12-Bit, Sampling A/D
Converter with Internal Track and Hold(CMOS 12位片内带跟踪和保持电路的A/D转换
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
74ACT11833DW 54ACT11833FK 54ACT11833JT |
µP-Compatible, 660ns, 8-Bit ADC with Track/Hold µP-Compatible, 660ns, 8-Bit ADC with Track/Hold Single 8-Bit Inverting Bus Transceiver Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output
|
|