PART |
Description |
Maker |
SSHB21HS-R06780 |
KEMET, SSHB21HS, Commercial Grade, 0.078 H
|
Kemet Corporation
|
M4300-240X240T0800 |
KEMET, M4, Flex Suppressors, RFID
|
Kemet Corporation
|
T541 T541D157M010AH110 |
High Reliability KEMET Organic Capacitor
|
Kemet
|
NBL20602S |
KEMET, NBL, Transducers, Single-layer
|
Kemet Corporation
|
Z1206C800APWST |
KEMET, Z-PWS, Ferrite Beads, Power, 10 mOhms
|
Kemet Corporation
|
T520B227M006ATE035 |
KEMET Organic Capacitor (KO-CAP) ?Low ESR T520 Series Polymer Tantalum
|
Kemet Corporation
|
CA239 LM2901 CA0239E CA0239M96 CA139 CA139A CA339 |
Quad Voltage Comparators for Industrial, Commercial and Military Applications QUAD COMPARATOR, 4000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 Quad Voltage Comparators for Industrial, Commercial and Military Applications QUAD COMPARATOR, 9000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 DIODE ZENER SINGLE 150mW 12Vz 20mA-Izt 0.05 1uA-Ir 9.1 SOT-523 3K/REEL Quad Voltage Comparators for Industrial/ Commercial and Military Applications Quad Voltage Comparators for Industrial / Commercial and Military Applications From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
C0603C101J1GAC C0805C220J5GAC7800 |
C0G Dielectric, 10 ?200 VDC (Commercial Grade) Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) C0G Dielectric, 10 ?200 VDC (Commercial Grade)
|
Kemet Corporation
|
8XC196NU YW80C196NU40 YW80C196NU50 272644-004 8640 |
8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER Commercial CHMOS 16-Bit Microcontroller(商用 CHMOS 16位微控制 商业CHMOS 16位微控制器(商用CHMOS 16位微控制器)
|
Intel Corporation Intel, Corp.
|
SIP-4781-03-1001FB SIP-4781-03-1001FC SIP-4781-03- |
TaNFilm垄莽 Precision SIP Network Commercial and MIL Qualified TaNFilm? Precision SIP Network Commercial and MIL Qualified
|
IRC - a TT electronics Company.
|
AD1851RZ-J AD1851NZ-J |
16-Bit/18-Bit, 16 3 FS PCM Audio DACs; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Commercial SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 16-BIT DAC, PDSO16 16-Bit/18-Bit, 16 3 FS PCM Audio DACs; Package: PDIP; No of Pins: 16; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|