PART |
Description |
Maker |
SMX0502MR-M1 SMX0504MR-M1 SMX0508MR-M1 SMX0509MR-M |
MRI Switching MELF PINS
|
Microsemi
|
UM9995 |
ULTRA LOW MAGNETIC MRI SWITCHING DIODES
|
MICROSEMI[Microsemi Corporation]
|
NCV3063DR2G NCP3063BDR2G NCP3063PG NCP3063DR2G NCP |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 1.5 A SWITCHING REGULATOR, 190 kHz SWITCHING FREQ-MAX, PDSO8 1.5 A, Step-Up/Down/ Inverting Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
ON Semiconductor
|
MADP-009989-14340T |
Fast MRI Protection Diode
|
M/A-COM Technology Solu...
|
LTC1539IGWPBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
UMX5101SM UMX510109 MICROSEMICORP-LOWELL-UMX5101SM |
ULTRA LOW MAGNETIC MOMENT PIN DIODE FOR MRI APPLICATIONS
|
Microsemi Corporation
|
UMX9989AP |
DUAL ULTRA LOW MAGNETIC MOMENT FAST DIODES FOR MRI APPLICATIONS
|
MICROSEMI[Microsemi Corporation]
|
LT1170CQPBF LT1172CQPBF LT1172CS8PBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
PEEL20CG10AJ-15 PEEL20CG10AJ-10 PEEL20CG10AJI-10 P |
Step-Down Switching Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 1A High Voltage, Efficiency Switching Voltage Regulator 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C Step-Down Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C Micropower, Single Supply, Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 电可擦除可编程逻辑器件 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-3P; No of Pins: 3; Temperature Range: 0°C to 70°C 电可擦除可编程逻辑器件 Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 电可擦除可编程逻辑器件 Electrically-Erasable PLD 电可擦除可编程逻辑器件
|
Electronic Theatre Controls, Inc. Bourns, Inc. STMicroelectronics N.V.
|
OMM02040000000B000 SMM02040C5620FB000 SMM02040C150 |
Thin Film Mini-MELF Resistors SMM0204 Cylindrical Mini-MELF Resistors Thin Film Mini-MELF Resistors
|
Vishay Siliconix Vishay Draloric
|