PART |
Description |
Maker |
RPM7238-H8R RPM7238-H4R RPM7238-H9R |
Lead Frame Remote Control Receiver Modules (3V Type)
|
ROHM
|
RPM7138-H8R RPM7138-H4R RPM7138-H9R RPM7138-V4R |
Lead Frame Remote Control Receiver Modules (5V Type)
|
ROHM
|
NJL71H NJL73H NJL71V NJL72H NJL74H000 |
Infrared Remote Control Receiver(红外遥控接收电源电压2.4V-5.5V,无信号输入电源电流最大值为0.6mA Infrared Remote Control Receiver(红外遥控接收电源电压2.4V-5.5V,无信号输入电源电流最大值为0.9mA Infrared Remote Control Receiver(红外遥控接收电源电压2.4V-5.5V,无信号输入电源电流最大值为0.7mA Infrared Remote Control Receiver(红外遥控接收电源电压2.4V-5.5V,无信号输入电源电流最大值为0.8mA Infrared Remote Control Receiver(红外遥控接收电源电压2.4V-5.5V,无信号输入电源电流最大值为0.10mA 红外遥控接收器(红外遥控接收器(电源电压.4V.5V,无信号输入电源电流最大值为0.10毫安))
|
New Japan Radio Co., Ltd.
|
PT2268-1-S PT2268-0-P PT2268-0-S PT2268-1-P |
Remote Control Encoder Remote Control Decoder
|
Princeton Technology Corporation
|
UPD6102G |
Multi Purpose Remote Control Transmitter IC Consumer IC From old datasheet system MULTI-PURPOSE REMOTE CONTROL TRANMITTER IC CMOS LSI
|
NEC[NEC]
|
HCS101 |
The HCS101 is a fixed code encoder designed for remote control systems. Its small package outline and low cost make this device a perfect solution for unidirectional remote control systems. The HCS101 is pin compatible with Microchip’ HCS101DatasheetDatasheet
|
Microchip
|
HSDL-3003-021 HSDL-3003-001 |
115.2kbit/s IrDA transceiver with Remote Control features SPECIALTY INTERFACE CIRCUIT, SMA8 IrDA? Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
|
Lite-On Technology, Corp. AVAGO TECHNOLOGIES LIMITED
|
MAX1104108 MAX11042ETC MAX11041ETC MAX11041-08 |
Wired Remote Controllers REMOTE CONTROL SUPPORT CIRCUIT, QCC12
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
RX-2B TX-2B |
1.5-5.0V remote controller with five functions. For remote control car applications
|
Silan Semiconductors Silan Microelectronics Joint-stock 杭州士景电子有限公司
|
SPS-445-3-E SPS-445-2-E SPS-445-1-E |
Receiver Pre-amp Module for Infrared Remote Control(用于红外远程控制的载波频3.3 kHz的接收前置放大器模块) Receiver Pre-amp Module for Infrared Remote Control(用于红外远程控制的载波频33.3 kHz的接收前置放大器模块) 接收机前置放大器的红外遥控器(用于红外远程控制的载波频率33.3千赫模块的接收前置放大器模块 Receiver Pre-amp Module for Infrared Remote Control(用于红外远程控制的载波频6.7 kHz的接收前置放大器模块) 接收机前置放大器的红外遥控器(用于红外远程控制的载波频率6.7千赫模块的接收前置放大器模块 LOGIC OUTPUT PHOTO DETECTOR
|
Sanyo Electric Co.,Ltd. Sanyo Electric Co., Ltd. MEAN WELL Enterprises Co., Ltd. Astrodyne, Inc.
|
GP1UM28YK GP1UM27XK GP1UM26XK GP1UM271XK |
IR DETECTING SENSORS / IR DETECTING UNITS FOR REMOTE CONTROL Compact IR Detecting Unit for Remote Control
|
Sharp Electrionic Compo...
|