PART |
Description |
Maker |
RHFAC151K01V RHFAC151K02V RHFAC157K01V RHFAC157K02 |
Rad-Hard 8-Channel Multiplexer Rad-Hard Quad 2-Channel Multiplexer Rad-Hard Hex Inverter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input NAND Gate Rad-Hard Triple 3-Input NAND Gate Rad-Hard Quad 2-Input AND Gate Rad-hard hex Schmitt inverter low power Rad-Hard Quad 2-Input OR Gate Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Latch 3-state Rad-Hard Quad exclusive OR Rad-Hard Octal Bus Buffer 3-state Rad-Hard 16-bit D-Type Latch 3-state
|
ST Microelectronics
|
BWR12/830D12 BWR12/830D48 BWR9/850D5 BWR12/625D5 |
Rad-hard 8-channel multiplexer (3-state) Rad-hard dual 4 channel multiplexer 3 state output Rad-hard octal D-type latch with 3 state output non inverting Rad-hard octal bus transceiver with 3 state outputs (non inverted) 模拟IC
|
STMicroelectronics N.V.
|
HS-22620RH HS0-22620RH-Q HS9-22620RH HS9-22620RH/P |
Rad Hard Dual/ Wideband/ High Input Impedance Uncompensated Operational Amplifier Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational
Amplifier(抗辐射宽带、高非补偿输入阻抗运算放大器) Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier DUAL OP-AMP, 6000 uV OFFSET-MAX, 100 MHz BAND WIDTH, UUC18
|
Intersil Corporation Intersil, Corp.
|
M54HC13904 M54HC139D1 M54HC139K M54HC139K1 M54HC13 |
RAD-HARD DUAL 2 TO 4 DECODER/DEMULTIPLEXER
|
ST Microelectronics STMicroelectronics
|
M54HC4072D M54HC4072D1 M54HC4072K M54HC4072K1 M54H |
RAD-HARD DUAL 4-INPUT OR GATE
|
STMicroelectronics
|
M54HC4002 M54HC4002D M54HC4002D1 M54HC4002K M54HC4 |
RAD-HARD DUAL 4-INPUT NOR GATE
|
STMicroelectronics
|
M54HC123 M54HC123D M54HC123D1 M54HC123K M54HC123K1 |
RAD-HARD DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
|
ST Microelectronics STMicroelectronics
|
M54HC11204 M54HC112 M54HC112K1 M54HC112D M54HC112D |
RAD-HARD DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
|
STMicroelectronics
|
M54HC10904 M54HC109D M54HC109D1 M54HC109K M54HC109 |
RAD-HARD DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
|
STMicroelectronics
|
FSL913A0D FSL913A0D1 FSL913A0D3 FSL913A0R FSL913A0 |
7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7 A, 100 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF 7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7A 100V的,0.300欧姆,拉德硬,SEGR性,P通道功率MOSFET 7A/ -100V/ 0.300 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs 5A/ -100V/ 0.680 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL70001ASEHVFE ISL70001ASEHF ISL70001ASEHVX ISL70 |
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
|
Intersil Corporation
|
5962R9672201VCC 5962R9672201QXC 5962R9672302VCC 59 |
Line Receiver, Party, Triple, Rad-Hard Line Receiver, Triple, Rad-Hard Line Transmitter, Triple, Rad-Hard Radiation Hardened Triple Line Transmitter
|
Intersil Corporation
|