PART |
Description |
Maker |
EP1202 EP1202-W15R EP1202-W18R EP1202-W25R EP1202- |
250mA Ultra Low Dropout Linear Regulator
|
Eorex Corporation
|
LT3012EDE LT3012EDE-PBF LT3012EDE-TR LT3012EDE-TRP |
250mA, 4V to 80V Low Dropout Micropower Linear Regulator
|
Linear Technology
|
LT3013BEDETRPBF |
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
|
Linear Technology
|
LT3013HFE LT3013EFE LT3013EDE |
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
|
Linear Technology
|
B4251 B4251CK5 B4251CR B4251CK-4.5 B4251CK-5.7 B42 |
4.5V 250mA low dropout regulator 250mA Low Dropout Voltage Regulators 5.7V 250mA low dropout regulator
|
BayLinear ETC[ETC] Electronic Theatre Controls, Inc.
|
LT3013B LT3013BEFE LT3013BEDE |
From old datasheet system 250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
|
Linear Technology Corporation
|
SSTUA32864EG SSTUA32864 SSTUA32864EC |
1.8 V configurable registered buffer for DDR2-667 RDIMM applications Linear Voltage Regulator IC; Package/Case:8-MSOP; Current Rating:250mA; Leaded Process Compatible:No; Output Voltage Max:2.8V; Peak Reflow Compatible (260 C):No; Reel Quantity:2500; Voltage Regulator Type:Low Dropout (LDO) Linear Voltage Regulator IC; Package/Case:8-MSOP; Current Rating:250mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No; Reel Quantity:2500; Voltage Regulator Type:Low Dropout (LDO) Linear Voltage Regulator IC; Package/Case:8-MSOP; Current Rating:250mA; Leaded Process Compatible:No; Output Voltage Max:2.5V; Peak Reflow Compatible (260 C):No; Reel Quantity:2500; Voltage Regulator Type:Low Dropout (LDO)
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
AP131-XXWG-7 AP131-XXWL-7 AP131-35WL-7 |
300mA LOW DROPOUT LINEAR REGULATOR WITH 1.5A Fast Ultra Low Dropout Linear Regulators 3.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5
|
Diodes Incorporated Diodes, Inc.
|
HEDM-6505U05 HEDS-6510010 HEDM-6505T05 HEDM-6505T0 |
64LED 16 keys User Interface LED driver, I²C Interface; QSOP-24 2 A, Low VIN Dropout, Linear Regulator; 1.1V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.5V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.2V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.8V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 0.75 V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 2.5V; 16-Lead LFCSP_VQ; -40°C to 125°C Large Diameter (56mm). Housed Two and Three Channel Optical Encoders 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 3x86 大口径(五六毫米)。外套二及中三通道光学编码 2 A, Low Dropout, CMOS Linear Regulator;2 A, Low Dropout, CMOS Linear Regulator 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 2.0x228
|
Agilent Technologies, Inc. Avago Technologies, Ltd. Atmel, Corp.
|
TC1189 TC1188 TC-1188 TC-1189 TC1188QECTTR TC1188R |
Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V ... Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V input range. The 50A supply current remains independent of load, making these devices ideal for battery-opera MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
|
MICROCHIP[Microchip Technology]
|
SP1084V1-L-5-0T/R SP1084V2-L-8/TR SP1084V2-L-/TR S |
5A Low Dropout Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 ROHS COMPLIANT, TO-220, 3 PIN 5A Low Dropout Linear Regulator
|
Sipex Corporation Exar, Corp.
|
CS8129YT5G CS8129YTVA5G CS8129 CS8129YDW16 CS8129Y |
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold 5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold(5.0 V, 750 mA带较低复位(RESET)门限的低压差线性稳压器) 5V, 750mA Low Dropout Linear Regulator with Lower RESETbar Threshold; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
ONSEMI[ON Semiconductor]
|