PART |
Description |
Maker |
HCF4042 HCF4042B01 HCF4042M013TR HCF4042BEY HCF404 |
4000/14000/40000 SERIES, HIGH LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PDSO16 QUAD CLOCKED D LATCH QUAD CLOCKED "D" LATCH QUAD CLOCKED "D" LATCH
|
STMicroelectronics ST Microelectronics
|
100355PC 100355QC 100355QI 100355 100355DC 100355Q |
From old datasheet system Low Power Quad Multiplexer/Latch(低功耗、四锁存多路 Low Power Quad Multiplexer/Latch 100K SERIES, LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
M54HC166KT M54HC4066KT M54HC157KT M54HC237KT M54HC |
Rad-Hard 8-bit PISO Shift Register With Clear Rad-Hard Quad Bilateral Switch Rad-Hard Quad 2-Channel Multiplexer Rad-Hard 3-to-8 Line Decoder Latch Rad-Hard Hex Bus Buffer 3-State Rad-Hard 8 Bit Latch/Shift Register Rad-Hard Triple 3-Input NOR Gate Rad-Hard 3-to-8 Line Decoder Latch Inverter Rad-Hard Quad 2-Channel Multiplexer 3-State Rad-Hard Dual 2-to-4 Line Decoder/Demultiplexer Rad-Hard Octal Bus Buffer 3-State Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard 4-to-16 Line Decoder Latch Rad-Hard Dual D-Type Flip-Flop With Preset & Clear Rad-Hard 8-bit SIPO Shift Register Rad-Hard Hex Inverter Rad-Hard Octal D-Type Flip-Flop 3-State Rad-Hard Dual Retrigg. Monostable Multivibrator with Clear Rad-Hard Dual 4-Channel Multiplexer Rad-Hard 3-to-8 Line Decoder Inverter Rad-Hard Quad 2-Channel Multiplexer Inverter Rad-Hard Quad D-Type Flip-Flop With Clear Rad-Hard Quad 2-Input AND Gate Rad-Hard Dual J-K Flip-Flop With Preset & Clear Rad-Hard Hex Buffer/Converter Inverter Rad-Hard Synchronous Up/Down Binary Counter Rad-Hard Dual Binary Counter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input Schmitt NAND Gate Rad-Hard Quad 2-Input OR Gate
|
ST Microelectronics
|
DM74ALS373 DM74ALS373N DM74ALS373SJ DM74ALS373WM D |
8-Bit D-Type Latch Octal D-Type 3-STATE Transparent Latch
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
100343PC 100343QC 100343QI 100343 100343QIX 100343 |
Low Power 8-Bit Latch From old datasheet system 8-Bit D-Type Latch 100K SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MC100EP80906 MC100EP809FAG MC100EPT2106 MC74VHCT02 |
Inverting Octal Bus Buffer; Package: SOEIAJ-20; No of Pins: 20; Container: Rail; Qty per Container: 40 AHCT/VHCT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 PNP DIGITAL TRANSISTOR (BULT-IN RESISTORS) 3.3V ECL Programmable Delay Chip with FTUNE 5V ECL 8-Bit Scannable Register 3.3V ECL Phase?Frequency Detector Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal D?Type Flip?Flop with 3?State Output Octal D?Type Latch with 3?State Output 8?Bit Addressable Latch/1?of?8 Decoder CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal Bus Transceiver Quad 2?Channel Multiplexer Hex Schmitt Inverter Dual 2?to?4 Decoder/ Demultiplexer 3?to?8 Line Decoder Quad 2?Input NAND Schmitt Trigger Quad 2?Input AND Gate Hex Inverter Quad 2?Input NOR Gate 3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
|
ONSEMI[ON Semiconductor] UTC
|
74ALVCH16373 74ALVCH16373_3 ACH16373DL 74ALVCH1637 |
2.5 V / 3.3 V 16-bit D-type transparent latch (3-State) From old datasheet system 2.5V/3.3V 16-bit D-type transparent latch 3-State 2.5V/3.3V 16-bit D-type transparent latch(3-State)(2.5V/3.3V 16D透明锁存器(三态))
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74ACT573B 74ACT573M 74ACT573MTR 74ACT573TTR 74ACT5 |
OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT NON INVERTING OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
74LVC573ABQ |
Octal D-type transparent latch with 5 V tolerant inputs-outputs; 3-state LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PQCC20 74LVC573A; Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
|
NXP Semiconductors N.V. Philips
|
M74HC279TTR M74HC279 M74HC279B1R M74HC279M1R M74HC |
QUAD S - R LATCH
|
STMICROELECTRONICS[STMicroelectronics]
|
4042B |
CMOS QUAD LATCH
|
RANDE[R & E International, Inc.]
|
IW4043B |
Quad NOR R-S Latch (3-State)
|
IK Semiconductor
|