PART |
Description |
Maker |
ADREF01AQ/883B ADREF01Q/883B |
Voltage Reference 600kHz, 1A Switch PWM DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 电压基准
|
Analog Devices, Inc.
|
LT1317B-15 |
Micropower, 600kHz PWM DC/DC Converters
|
Linear Technology
|
317B LT1317 |
Micropower, 600kHz PWM DC/DC Converters
|
Linear Technology Corporation
|
NX2114 NX2114A NX2114ACSTR NX2114CSTR |
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
|
Microsemi Corporation
|
SP6134HCU-L SP6134HEU-L SP6134HEU-L_TR SP6134HCU-L |
High Voltage, 600kHz Synchronous PWM Step Down Controller
|
Exar Corporation
|
LT1307B LT1307BCMS8 LT1307BCS8 LT1307BIS8 LT1307CM |
From old datasheet system Single Cell Micropower 600kHz PWM DC/DC Converters
|
LINER[Linear Technology]
|
LT1307CS8 LT1307CN8 LT1307CMS8 |
Single Cell Micropower 600kHz PWM DC/DC Converters 8-Bit Identity Comparators (P=Q) with Enable and 20K Ohm Q-Input Pullup Resistors 20-SOIC 0 to 70
|
http:// Linear Technology Corporation
|
ISL6439 ISL6439ACB ISL6439ACR ISL6439AEVAL1 ISL643 |
Single Sync Buck PWM Controller for Broadband Gateway Applications SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PDSO14 Single Sync Buck PWM Controller for Broadband Gateway Applications 单同步降压PWM控制器,宽带网关应用 PWM Controller, 3.3V to 5V Input, VOUT 0.8V Min @ 1.5%, 300 or 600kHz, Gateway Applications
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
TOP414GN TOP412G-TL TOP41204 TOP412GN |
Three-terminal DC to DC PWM Switch IC SW PWM DC-DC 48VDC 9W 8SMD
|
Power Integrations, Inc. POWER INTEGRATIONS INC Power Integrations, Inc...
|
ISL97519IUZ-TK |
1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 2 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8
|
Intersil, Corp.
|
NCP1030 NCP1031DR2 NCP1031 NCP1030DMR2 |
Bias Regulator with On-Chip Power Switch Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48V Telecom Systems Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48V Telecom Systems Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems
|
ONSEMI[ON Semiconductor]
|
TOP222P TOP221G TOP222G TOP223G TOP223P TOP224G TO |
Three-terminal Off-line PWM Switch
|
Power Integrations, Inc.
|