PART |
Description |
Maker |
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRFZ24L IRFZ24NS IRFZ24NSTRR IRFZ24NSTRL IRFZ24NL |
(159.21 k) 59.21十一 Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A) 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.07ohm,身份证\u003d 17A条) 55V,17A,N-Channel HEXFET Power MOSFET(55V,17A,N沟道 HEXFET功率MOS场效应管) 55V的,17A条,N沟道HEXFET功率MOSFET5V的,17A条,沟道的HEXFET功率马鞍山场效应管) 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRLZ24NL IRLZ24NSTRR IRLZ24NSTRL |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET功率MOSFET(马鞍山的HEXFET功率场效应管
|
International Rectifier Fairchild Semiconductor, Corp.
|
IRF1010Z IRF1010ZL IRF1010ZS |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package AUTOMOTIVE MOSFET
|
IRF[International Rectifier]
|
IRF1405ZSTRLPBF IRF1405ZPBF IRF1405ZLPBF |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRFIZ24N IRFIZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
|
IRF[International Rectifier]
|
IRL2505L IRL2505S IRL2505STRL IRL2505STRR |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRF9Z24NL IRF9Z24NS IRF9Z24NSTRR IRF9Z24NSTRL |
-60V Single P-Channel HEXFET Power MOSFET in a TO-262 package -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A) 功率MOSFET(减振钢板基本\u003d- 55V的,的Rds(on)\u003d 0.175ohm,身份证\u003d- 12A条) Power MOSFET(Vdss=-55V/ Rds(on)=0.175ohm/ Id=-12A)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF9Z34NL IRF9Z34NS IRF9Z34NSTRL IRF9Z34NSTRR |
Power MOSFET(Vdss=-55V/ Rds(on)=0.10ohm/ Id=-19A) Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A) -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package -55V Single P-Channel HEXFET Power MOSFET in a TO-262 package
|
IRF[International Rectifier]
|
IRF7342TR IRF7342P |
-55V Dual P-Channel HEXFET Power MOSFET in a SO-8 package -55V Single P-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
IRFZ44Z IRFZ44ZL IRFZ44ZS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=55V, Rds(on)=13.9mohm, Id=51A)
|
IRF[International Rectifier]
|