PART |
Description |
Maker |
AO8820 AO882012 |
20V Common-Drain Dual N-Channel MOSFET
|
Alpha & Omega Semiconductors
|
AF4901P AF4901PS AF4901PSA AF4901PSL AF4901PSLA |
V(ds): -30V; V(gs): -25V; I(s): -2.1A; dual P-channel 30-V (D-S) common drain MOSFET Dual P-Channel 30-V (D-S) Common Drain MOSFET 双P沟道30 V的(副)共漏MOSFET
|
Anachip Corp Vishay Intertechnology, Inc.
|
SI7900AEDN-T1 |
Dual N-Channel 20-V (D-S) MOSFET, Common Drain
|
Vishay Siliconix
|
SI7902EDN |
Dual N-Channel 30-V (D-S) MOSFET, Common Drain
|
VISAY[Vishay Siliconix]
|
KI6968BEDQ |
Dual N-Channel 2.5-V (G-S) MOSFET Common Drain
|
Guangdong Kexin Industrial
|
AM29LV017D-120WCI AM29LV017D-120EC AM29LV017D-120W |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:93A; On Resistance, Rds(on):5.7mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:DPAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:93A; On-Resistance, Rds(on):5.7mohm; Rds(on) Test Voltage, Vgs:10V; Continuous Drain Current - 100 Deg C:66A; Continuous Drain Current - 25 Deg C:93A RoHS Compliant: Yes x8 Flash EEPROM 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package x8闪存EEPROM
|
Advanced Linear Devices, Inc.
|
MTDN8233CDV8 |
Common Drain Dual N -Channel Enhancement Mode MOSFET
|
Cystech Electonics Corp.
|
MTA012A02CDN6-0-T1-G |
Common Drain Dual N -Channel Enhancement Mode MOSFET
|
Cystech Electonics Corp...
|
AO8832 |
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
|
Alpha & Omega Semiconductors
|
AON5802B |
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
|
ShenZhen FreesCale Electronics. Co., Ltd
|