PART |
Description |
Maker |
AF2301P AF2301PW AF2301PWA AF2301PWLA AF2301PWL |
V(ds): -20V; V(gs): -8V; -2.3A; 20V P-channel enchancement mode MOSFET 20V P-Channel Enhancement Mode MOSFET Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41 RoHS Compliant: No MS27467T21B41S
|
Anachip Corp ETC
|
FDG6332C FDG6332CNL |
Tantalum Molded Capacitor; Capacitance: 220uF; Voltage: 6.3V; Packaging: Tape & Reel 700 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET 20V N & P-Channel PowerTrench MOSFETs 20V N &P - Channel Power Trench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDZ7296 |
30V N-Channel PowerTrenc BGA MOSFET 30V N-Channel PowerTrench BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDFMA2P85708 FDFMA2P857 |
-20V Integrated P-Channel PowerTrenchMOSFET and Schottky Diode Integrated P-Channel PowerTrench㈢ MOSFET and Schottky Diode .20V, .3.0A, 120mヘ Integrated P-Channel PowerTrench庐 MOSFET and Schottky Diode .20V, .3.0A, 120m惟 Integrated P-Channel PowerTrench? MOSFET and Schottky Diode .20V, .3.0A, 120mΩ
|
Fairchild Semiconductor
|
SST3585 SST358512 |
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
|
SeCoS Halbleitertechnologie GmbH
|
ZXMN2B14FHTA ZXMN2B14FH |
20V N-CHANNEL ENHANCEMENT MODE MOSFET WITH LOW GATE DRIVE CAPABILITY 20V SOT23 N-channel enhancement mode MOSFET
|
Diodes Incorporated
|
IRF7204 IRF7204TR |
TRI N PLUG M 0-48 NO SEAL Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A) -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
STN5PF02V |
P-channel 20V - 0.065 - 4.2A - SOT-223 2.5V - Drive STripFET II Power MOSFET P-channel 20V - 0.065з - 4.2A - SOT-223 2.5V - Drive STripFET⑩ II Power MOSFET P-channel 20V - 0.065蟹 - 4.2A - SOT-223 2.5V - Drive STripFET??II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
IRF1902 IRF1B902 IRF1902TR |
20V Single N-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=20V)
|
International Rectifier
|
IRL3714Z IRL3714ZL IRL3714ZS |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier IR
|
STP210NF02 STB210NF02-1 STB210NF02 8543 STB210NF02 |
N-CHANNEL 20V - 0.0026 ohm - 120A D?PAK/I?PAK/TO-220 STripFETII POWER MOSFET N-CHANNEL 20V - 0.0026 ohm - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 20V - 0.0026 ohm - 120A D2PAK/I2PAK/TO-220 STripFET?/a> II POWER MOSFET N-CHANNEL 20V - 0.0026 OHM - 120A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET From old datasheet system N-CHANNEL 20V - 0.0026 ohm - 120A D?PAK/I?PAK/TO-220 STripFET⑩ II POWER MOSFET N-CHANNEL 20V - 0.0026 OHM - 120A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|