PART |
Description |
Maker |
FT232R10 FT232R FT232RL-2000 FT232RQ-6000 |
USB UART IC - Single chip USB to asynchronous serial data transfer interface
|
Future Technology Devices International Ltd.
|
FT245R FT245RL-2000 FT245RQ-6000 FT245R10 |
USB FIFO IC - Single chip USB to parallel FIFO bidirectional data transfer interface
|
Future Technology Devices International Ltd.
|
USB2SER |
USB to UART Application Specific IC Single chip USB to UART Data Transfer
|
Freescale Semiconductor, Inc
|
LC87F1A32A |
CMOS IC FROM 32K byte, RAM 2048K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
|
Sanyo Semicon Device
|
ENA1095 LC87F1HC8SA |
CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
ENA1220 |
CMOS IC FROM 64K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
|
Sanyo Semicon Device
|
LC87F1964A |
CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
|
Sanyo Semicon Device
|
LPC2368FB100 |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC 单芯6-bit/32-bit微控制器,高12的ISP /国际检察官联合会,以太网,USB 2.0,CAN10 kB闪存位的ADC / DAC
|
NXP Semiconductors N.V.
|
0887328712 |
USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 1.50m (4.92) Length, Black
|
Molex Electronics Ltd.
|
0887328702 |
USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.50m (4.92) Length, Black MOLEX Connector
|
Molex Electronics Ltd.
|
CY7C64713 CY7C64713-100AXC CY7C64713-128AXC CY7C64 |
EZ-USB FX1⑩ USB Microcontroller Full-speed USB Peripheral Controller
|
Cypress Semiconductor
|
CY7C68013A CY7C68013A-100AC CY7C68013A-128AXC CY7C |
CAC 2C 2#12 PIN PLUG 8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP128 Light Pipe; Mounting Hole Dia:3.5mm; Material:Polycarbonate; Length:10.2mm; Color:Clear; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes EZ-USB FX2LP USB Microcontroller EZ-USB FX2LP(TM) USB Microcontroller High-Speed USB Peripheral Controller
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|