PART |
Description |
Maker |
MAX710 MAX710ESE MAX711 MAX711ESE 1742 MAX711C_D M |
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 3.3V/5V或可调、升/降压型DC-DC转换 3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 0.7 A SWITCHING REGULATOR, UUC16 3.3V/5V or Adjustable / Step-Up/Down DC-DC Converters From old datasheet system
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ICL7106 ICL7106CM44 ICL7106RCPL ICL7106S ICL7106SC |
1-CH 3-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 31/2 Digit/ LCD/LED Display/ A/D Converters From old datasheet system 31/2 Digit LCD/LED Display A/D Converters 3 1 / 2 Digit,LCD/LED Display, A/D Converters 31/2 Digit, LCD/LED Display, A/D Converters
|
INTERSIL[Intersil Corporation]
|
AD9748 DAC8B10- DAC08 DAC_8B_10-100NS AD9708 AD970 |
Analog Devices: Data Converters: DAC 8-Bit, 10 ns to 100 ns Converters Selection Table Analog Devices: Data Converters: DAC 8-Bit 10 ns to 100 ns Converters Selection Table 8-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
|
Analog Devices, Inc. AD[Analog Devices]
|
AD5240 AD5240KD AD5240SD ADADC84 ADADC84-10 ADADC8 |
Fast, Complete 10-Bit A/D Converters FAST, COMPLETE 12-BIT A/D CONVERTERS 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor FAST/ COMPLETE 12-BIT A/D CONVERTERS Fast,Complete 12 Bit A/D Converter(快完备2位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|
V7AH-05B330 S7AH-05B S7AH-05B120 S7AH-05B150 S7AH- |
Non-Isolated DC/DC Converters 非隔离式DC / DC转换 NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
P0502NL P0527NL P0429NL P0422NL P0420NL P0421NL P0 |
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
|
Pulse A Technitrol Company
|
IRF7822PBF IRF7822TRPBF |
N-Channel Application-Specific MOSFETs HEXFET㈢ Power MOSFET for DC-DC Converters HEXFET? Power MOSFET for DC-DC Converters
|
International Rectifier
|
T7-2S1212N T7-2S1215N T7-2S1205N T7-2S2405N T7-2D1 |
DC/DC CONVERTERS DC/DC CONVERTERS 14-Pin DIP, Unregulated 2 Watt
|
Tumbler Technologies TRUMPower Tumbler Technologies ...
|
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
SP774BJ SP1674BJ |
12–Bit Sampling A/D Converters 12鈥揃it Sampling A/D Converters
|
SIPEX
|
TC7116CPL TC7116ACKW TC7116CKW TC7117AIJL TC7117A |
3-1/2 Digit Analog-to-Digital Converters with Hold The TC7116A/TC7117A are 3-1/2 digit CMOS analog-to-digital converters (ADCs)containing all the active components necessary to construct a 0.05% resolution measurement system.Seven-segment decoders, polarity and digit drivers, voltage refer
|
MICROCHIP[Microchip Technology]
|