PART |
Description |
Maker |
SI7392DP-T1 SI7392DP |
N-Ch. Reduced Qg, Fast Switching WFET® VDS = 30V; VGS = ± 20V N沟道Qg,快速开关WFET ® ,VDS=30V; VGS=±20V N-Channel Reduced Qg, Fast Switching WFET N-Channel Reduced Qg/ Fast Switching WFET
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
AO3414 KO3414 |
VDS (V) = 20V ID= 4.2A (VGS=4.5V) RDS(ON) 50m (VGS = 4.5V) RDS(ON) 63m (VGS = 2.5V)
|
TY Semiconductor Co., Ltd
|
KI4558DY |
PIN Configuration Drain-Source Voltage Vds 30V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
KO3416 |
VDS (V) = 20V ID = 6.5 A RDS(ON) 22mΩ (VGS = 4.5V) RDS(ON) 26mΩ (VGS = 2.5V)
|
TY Semiconductor Co., Ltd
|
KO3402 AO3402 |
VDS (V) = 30V ID= 4 A RDS(ON) 55m (VGS = 10V) RDS(ON) 70m (VGS = 4.5V)
|
TY Semiconductor Co., Ltd
|
KI4980DY |
Drain-Source Voltage Vds 80V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
75N08 |
VDS=75V,RDS(on)=0.009 VGS=10V,ID=30A VDS=75V,RDS(on)=0.011VGS=4.5V,ID=20A
|
TY Semiconductor Co., Ltd
|
SI4825DY |
P-Channel 30-V (D-S) MOSFET P-Channel 30-V (D-S) MOSFET VDS = -30V; VGS = ± 25V
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
KXU03N25 |
VDS (V) = 250V RDS(ON) 2 (VGS = 10V) Drain-Source Voltage VDSS 250 V
|
TY Semiconductor Co., Ltd
|
KI1553DL |
PIN Configuration Drain-Source Voltage Vds 20V
|
TY Semiconductor Co., L...
|
ST93C46A ST93C46AB1013TR ST93C46AB1TR ST93C46AB301 |
From old datasheet system 1K (64 x 16 or 128 x 8) SERIAL MICROWIRE EEPROM MOSFET; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:3.4A; On-Resistance, Rds(on):0.085ohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Package/Case:6-TSOP RoHS Compliant: Yes MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-12V; Continuous Drain Current, Id:-4.5A; On-Resistance, Rds(on):0.04ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:6-TSOP; Leaded Process Compatible:No MOSFET, P TSOP-6MOSFET, P TSOP-6; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:12V; Case style:TSOP-6; Current, Id cont:4.5A; Current, Idm pulse:20A; Power, Pd:1.1W; Resistance, Rds on:0.04R; SMD:1; Charge, Qrr typ Circular Connector; No. of Contacts:13; Series:JT02R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:10-13 Circular Connector; No. of Contacts:13; Series:JT02R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:10-13 1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM 000 64 x 1628 × 8 MICROWIRE的串行EEPROM 1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM 000 64 x 16128 × 8 MICROWIRE的串行EEPROM
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|