PART |
Description |
Maker |
PE-SR405FL |
Formable 086 Semi-rigid Coax Cable with Tinned Copper Braid Outer Conductor
|
Pasternack Enterprises,...
|
8700010250 |
Minature, 28 AWG solid .013 tinned copper conductor, polypropylene insulation, bare copper braid shield
|
List of Unclassifed Man...
|
1346228 |
Tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
1346684 |
Tinned copper conductor, rubber insulation
|
List of Unclassifed Man...
|
99100022000 9910004250 99100102000 9910002100 9910 |
Tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
1344169 8899009100 88990021000 8899002U1000 889900 |
Tinned copper conductor, rubber insulated.
|
List of Unclassifed Man...
|
8868002500 |
Tinned copper conductor, conductive polyethylene
|
List of Unclassifed Man...
|
PE-SR405TN-STRAIGHT |
RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
|
Pasternack Enterprises,...
|
8918009100 89180055000 |
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
RG405-U-STRAIGHT |
086 Semi-rigid Coax Cable with Copper Outer Conductor
|
Pasternack Enterprises,...
|
M48T212Y-85MH6 M48T212Y-85MH1TR M48T212Y-70MH1 M48 |
Shielded Multiconductor Cable; Number of Conductors:7; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:7; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Temperature Max:80 C RoHS Compliant: Yes 5V/3.3V TIMEKEEPER[ CONTROLLER 5V/3.3V计时[控制
|
意法半导 STMicroelectronics N.V.
|