PART |
Description |
Maker |
0740266330 0740266330-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 10.50mm Blade 1, 10.50mm Blade 2
|
Molex Electronics Ltd.
|
74026-8212 0740268212 |
2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle,8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 9.00mm (.354) Blade
|
Molex Electronics Ltd.
|
0740268141 74026-8141 |
2.00mm (.079) Pitch VHDM庐 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295) Blade 2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295) Blade
|
Molex Electronics Ltd.
|
0740268114 74026-8114 |
2.00mm (.079") Pitch VHDM庐 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295") Blade 2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295) Blade
|
Molex Electronics Ltd.
|
44262-6410 |
5.33mm (.210") Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 10.03mm (.395") 5.33mm (.210) Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 10.03mm (.395)
|
Molex Electronics Ltd.
|
44262-6420 0442626420 |
5.33mm (.210") Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 10.03mm (.395") 5.33mm (.210) Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 10.03mm (.395)
|
Molex Electronics Ltd.
|
M80-5T10805M1-02-331 |
JACKSCREW DATAMATE MIXED TECHNOLOGY PC TAIL MALE ASSEMBLY
|
Harwin Plc
|
M30-4010746 M30-4010946 |
1.25mm Pitch SIL Horizontal SMT Blade Header, hold-down tabs, tin, 7-way 7 CONTACT(S), MALE, RIGHT ANGLE DIP CONNECTOR, SOLDER 1.25mm Pitch SIL Horizontal SMT Blade Header, hold-down tabs, tin, 9-way 9 CONTACT(S), MALE, RIGHT ANGLE DIP CONNECTOR, SOLDER
|
Harwin PLC
|
142.6185.4402 142.6185.4406 142.6185.5156 142.6185 |
TAC ATO STYLE BLADE FUSE RATED 58V Blade contacts TAC ATO STYLE BLADE FUSE RATED 58V Copper alloy, gal. Sn plated
|
Littelfuse
|
85009-0012 0850090012 |
2.54mm (.100) Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M, Right Angle, Through Hole, 0.6渭m (24渭) Selective Gold (Au), 32 Circuits 2.54mm (.100) Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M, Right Angle, Through Hole, 0.6μm (24μ) Selective Gold (Au), 32 Circuits
|
Molex Electronics Ltd.
|
0850090854 85009-0854 |
2.54mm (.100) Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M,Right Angle, Through Hole, 1μm (40μ) Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M,Right Angle, Through Hole, 1渭m (40渭") Selective Gold (Au), 48 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
|