PART |
Description |
Maker |
GBJ20005 GBJ2001 |
Voltage 50V ~ 1000V 20.0 Amp Glass Passivited Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
4GBJ4005 4GBJ402 |
Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnol...
|
GBJ8005 GBJ800511 GBJ810 |
Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
KBU4K KBU4J |
VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
GBU6005 GBU600511 GBU610 GBU608 |
Voltage 50V ~ 1000V 6.0Amp Glass Passivited Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnol...
|
KBJ10005 KBJ1001 KBJ1006 |
Voltage 50V ~ 1000V 10Amp Glass Passivated Bridge Rectifiers
|
SeCoS Halbleitertechnol...
|
KBJ4005 |
Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
|
SeCoS Halbleitertechnol...
|
RL207G RL205G |
Voltage 50V ~ 1000V 2.0 Amp Glass Passivated Rectifiers Voltage 50V ~ 1000V 2.0 Amp Glass Passivated Rectifiers
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnol...
|
1N5400GM 1N5401GM 1N5402GM 1N5403GM 1N5404GM 1N540 |
Standard Recovery Pack: DO-201AD GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50V to 1000V CURRENT: 3.0A
|
Gulf Semiconductor
|
1N4001G 1N4004G 1N4006G 1N4007G |
VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated Silicon Rectifiers
|
SeCoS Halbleitertechnol... SeCoS Halbleitertechnologie GmbH
|
DBLS105G |
1A, 50V - 1000V Glass Passivated Bridge Rectifiers
|
Taiwan Semiconductor Co...
|
FFM107 FFM101 FFM105 FFM102 FFM103 FFM104 FFM106 |
Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 1000V, maxVRMS = 700V, maxVDC = 1000V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 50V, maxVRMS = 35V, maxVDC = 50V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 600V, maxVRMS = 420V, maxVDC = 600V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 100V, maxVRMS = 70V, maxVDC = 100V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 200V, maxVRMS = 140V, maxVDC = 200V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 400V, maxVRMS = 280V, maxVDC = 400V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 800V, maxVRMS = 560V, maxVDC = 800V. Current 1.0A.
|
Rectron Semiconductor
|