PART |
Description |
Maker |
AT28C010E-12FM/883 AT28C010E-12EC AT28C010-12EM AT |
120NS, 32FLTPCK, 883C; LEV B COMPLIANT(EEPROM) 128K X 8 EEPROM 5V, 120 ns, CDFP32 128K X 8 EEPROM 5V, 120 ns, CQCC32 120NS, 32 LCC, MIL TEMP(EEPROM) 128K X 8 EEPROM 5V, 150 ns, CDFP32 128K X 8 EEPROM 5V, 200 ns, CDIP32 128K X 8 EEPROM 5V, 250 ns, CDIP32
|
Atmel, Corp. ATMEL CORP
|
WME128K8-120DEI WME128K8-140DEI WME128K8-140DEIA W |
120ns; 5.5V power supply; 128K x 8 CMOS monolithic EEPROM, SMD 5962-96796 140ns; 5.5V power supply; 128K x 8 CMOS monolithic EEPROM, SMD 5962-96796 250ns; 5.5V power supply; 128K x 8 CMOS monolithic EEPROM, SMD 5962-96796 300ns; 5.5V power supply; 128K x 8 CMOS monolithic EEPROM, SMD 5962-96796 200ns; 5.5V power supply; 128K x 8 CMOS monolithic EEPROM, SMD 5962-96796 150ns; 5.5V power supply; 128K x 8 CMOS monolithic EEPROM, SMD 5962-96796
|
White Electronic Designs
|
EDI8L24129V-BC EDI8L24129V12BI EDI8L24129V EDI8L24 |
10ns; 3.3V power supply; 128K x 24 SRAM SRAM MCP SDR Connector; No. of Contacts:26; Pitch Spacing:0.8mm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 128K X 24 SRAM 3.3 VOLT 128K的X 24 SRAM.3 15ns; 3.3V power supply; 128K x 24 SRAM
|
Electronic Theatre Controls, Inc. White Electronic Designs
|
UN222X UNR2222 UNR2223 UNR2224 UNR2221 |
Silicon NPN epitaxial planar type Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-PLCC; Supply Voltage Max:5.5V Flash Memory IC; Access Time, Tacc:120ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting Flash Memory IC; Access Time, Tacc:45ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting POT THUMBWHEEL 10K OHM LINEAR
|
Panasonic Semiconductor Panasonic Corporation
|
5962-3826707 5962-3826705 5962-3826701 |
128K x 8 EEPROM, MIL-STD-883C, 120ns 128K x 8 EEPROM, CMOS, MIL-STD-883, 150ns 128K EEPROM MIL-STD-883, 250ns
|
Intersil
|
IS61LV12824-8TQ IS61LV12824 IS61LV12824-10B IS61LV |
128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K的24 HIGH-SPEED的CMOS静态RAM.3V电源 128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 24 STANDARD SRAM, 8 ns, PQFP100 128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 24 STANDARD SRAM, 8 ns, PBGA119 128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 24 STANDARD SRAM, 10 ns, PBGA119 128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 24 STANDARD SRAM, 10 ns, PQFP100
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
AM4J-67206L-12 AM4J-67206L-25 AM4J-67206V-15 AM4J- |
90NS, LCC, 883C; LEVEL B FULLY COMPLIANT(EEPROM) 90NS, TSOP, IND TEMP, GREEN(EEPROM) 120NS, PLCC, AUTO TEMP(EEPROM) 120NS, CERDIP, 883C; LEV B COMPLIANT(EEPROM) 120NS, LCC, 883C; LEV B FULLY COMPLIANT(EEPROM) 8-Bit Video ADC Switched-Capacitor Voltage Converter with Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 10 Bit, 25MSPS, 135mW ADC The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Low-Voltage, Low On-State Resistance SPST CMOS Analog Switches 5-SOT-23 -40 to 85 x9 Asynchronous FIFO X9热卖异步FIFO Single Supply RS232C Line Driver/Receiver(氓??莽?碌忙潞?RS232C 莽潞驴忙?露氓??氓?篓茂录?2氓??2忙?露茂录?)
|
Kingbright, Corp.
|
IS61LF12832-8.5TQI IS61LF12832-7.5TQI IS61LF12832- |
128K x 32, 128K x 36 synchronous flow-through static RAM 128K X 32 CACHE SRAM, 8.5 ns, PQFP100
|
INTEGRATED SILICON SOLUTION INC
|
AM29LV081B-120EF |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:8Mbit; Package/Case:40-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:3V; Access Time, Tacc:120ns; Series:AM29 RoHS Compliant: Yes
|
SPANSION LLC
|
IS61LV1281 IS61LV12816L IS61LV12816L-10T IS61LV128 |
128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc ISSI
|