PART |
Description |
Maker |
A82015C0GL5 A82120C0GL5 A68015C0GL5 A56015C0GL5 A5 |
Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
|
Vishay Siliconix
|
CPC180J CPC330J CPC4R7C CEC220J CEU101J |
Disc Ceramic Capacitors EIA Class 1 Temperature Compensating Capacitors
|
Cornell Dubilier Electronics
|
WYO103MCMEB0KR WYO103MCMED0KR WYO103MCMEF0KR WYO10 |
Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
|
Vishay Siliconix http://
|
440LD30-R 440LD32-R 440LD39-R 440LD33-R 440LT33-R |
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
|
Vishay Siliconix
|
FPS60 |
Plate Capacitors with Flat Rim - Class 1 Ceramic
|
Vishay Siliconix
|
D102K20Y5PF6.J5R D103K39Y5PF6.J5R D151K20Y5PF6.J5R |
Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
|
Vishay Siliconix
|
PE100 P.140 PC200 PD200 PD70 PA70 |
Plate Capacitors with Contoured Rim - Class 1 Ceramic
|
Vishay Siliconix
|
HV500V08 |
Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
|
Vishay Siliconix
|
HV500V1 |
Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
|
Vishay Siliconix
|
HV500V |
Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
|
VISAY[Vishay Siliconix]
|
LV100V |
Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
|
VISAY[Vishay Siliconix]
|
CC0402KKX5R4BB CC0402KPX5R4BB CC0402KKX5R6BB CC040 |
SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS General purpose & High capacitance Class 2, X5R Supplied in tape on reel, Nickel-barrier end termination, RoHS compliant, Halogen free compliant SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
|
YAGEO Corporation List of Unclassifed Manufacturers List of Unclassifed Man...
|