PART |
Description |
Maker |
AS7C3364PFS36A-166TQI AS7C3364PFS32A AS7C3364PFS32 |
3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 9 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 16Vz 15.5mA-Izt 0.05 5uA-Ir 12.2Vr DO41-GLASS 5K/REEL 64K X 36 STANDARD SRAM, 12 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 12 ns, PQFP100
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
GLT6100L08LL-55TC GLT6100L08LL-70TC GLT6100L08LL-8 |
55ns; Ultra low power 64K x 16 CMOS SRAM 70ns; Ultra low power 64K x 16 CMOS SRAM 85ns; Ultra low power 64K x 16 CMOS SRAM 100ns; Ultra low power 64K x 16 CMOS SRAM
|
G-LINK Technology
|
LC3664RSL-12 LC3664RML-10 LC3664RM-15 LC3664RL-15 |
Access time: 100ns; V(cc)max: 7V; 64K (8192 words x 8-bit) SRAM Access time: 150ns; V(cc)max: 7V; 64K (8192 words x 8-bit) SRAM
|
SANYO
|
AS7C3364FT36B-80TQIN AS7C3364FT32B AS7C3364FT32B-1 |
From old datasheet system Shielding Gasket; Gasket Style:D-Shaped; Body Material:Beryllium Copper alloy #C17200; Height:.11"; Length:16"; Mounting Type:Adhesive; Thickness:.0027"; Width:.28" 64K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 36 STANDARD SRAM, 7.5 ns, PQFP100
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
HY62256A HY62256AJ HY62256AJ-I HY62256ALJ HY62256A |
32Kx8bit CMOS SRAM, standby current=25uA, 70ns 32Kx8bit CMOS SRAM, standby current=25uA, 55ns 32Kx8bit CMOS SRAM, standby current=25uA, 85ns 32Kx8bit CMOS SRAM, standby current=100uA, 70ns 32Kx8bit CMOS SRAM, standby current=100uA, 85ns 32Kx8bit CMOS SRAM, standby current=1mA, 70ns 32Kx8bit CMOS SRAM, standby current=1mA, 85ns 32Kx8bit CMOS SRAM, standby current=1mA, 55ns 32Kx8bit CMOS SRAM 32Kx8bit CMOS SRAM Circular Connector; No. of Contacts:22; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 32Kx8bit CMOS SRAM JT 22C 22#22D SKT RECP 32Kx8bit CMOS SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. ETC HYNIX[Hynix Semiconductor] http://
|
CY7C1021BNV33 CY7C1021BNV33L-10VXC CY7C1021BNV33L- |
64K X 16 STANDARD SRAM, 12 ns, PDSO44 LEAD FREE, TSOP2-44 64K X 16 STANDARD SRAM, 15 ns, PDSO44 LEAD FREE, TSOP2-44 64K X 16 STANDARD SRAM, 15 ns, PDSO44 TSOP2-44 64K X 16 STANDARD SRAM, 15 ns, PDSO44 0.400 INCH, LEAD FREE, SOJ-44 64K X 16 STANDARD SRAM, 12 ns, PDSO44 TSOP2-44 64K X 16 STANDARD SRAM, 10 ns, PDSO44 LEAD FREE, TSOP2-44 64K x 16 Static RAM
|
Cypress Semiconductor, Corp.
|
AS7C31026B AS7C31026B-10JCN AS7C31026B-10JI AS7C31 |
SRAM - 3.3V Fast Asynchronous Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SOIC -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SSOP -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-TSSOP -40 to 85 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SSOP -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 64K X 16 STANDARD SRAM, 15 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SOIC -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
AS7C3364PFD32-36BV.1.1 AS7C3364PFD36B-200TQIN AS7C |
3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 3 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 3 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 4 ns, PQFP100 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
DS1225AB DS1225AB-150 DS1225AB-150IND DS1225AB-70 |
64k Nonvolatile SRAM 64K的非易失SRAM 8K X 8 NON-VOLATILE SRAM MODULE, 70 ns, PDIP28 0.720 INCH, EXTENDED, DIP-28 64k Nonvolatile SRAM 8K X 8 NON-VOLATILE SRAM MODULE, 150 ns, PDIP28
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconducotr] DALLAS[Dallas Semiconductor] http://
|
IDT70825L20G IDT70825L35G IDT70825L45G IDT70825S45 |
HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM? Cabinet Rack Front Panel RoHS Compliant: Yes 8K X 16 STANDARD SRAM, 20 ns, PQFP80 HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM 8K X 16 STANDARD SRAM, 45 ns, CPGA84 HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM 8K X 16 STANDARD SRAM, 35 ns, PQFP80 HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM 8K X 16 STANDARD SRAM, 45 ns, PQFP80 HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM 8K X 16 STANDARD SRAM, 20 ns, CPGA84 HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM)
|
SRAM Integrated Device Technology, Inc.
|
|