PART |
Description |
Maker |
ZGP323HEP2032C ZGP323HSP4032C ZGP323HEH4832C ZGP32 |
IC Z8 GP MCU 32K OTP 20DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP20 IC Z8 GP MCU 32K OTP 40DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP40 IC Z8 GP MCU 32K OTP 48SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO48 IC Z8 GP MCU 32K OTP 28SOIC 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28 IC Z8 GP MCU 32K OTP 28SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28
|
ZiLOG, Inc.
|
ADUC844 ADUC844BCP32-3 ADUC844BCP32-5 ADUC844BCP62 |
MicroConverter/ Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU MicroConverter? 1-Cycle 8052 MCU 24-Bit ADC 16-Bit ADC 12-Bit DAC 62 K-Byte Flash MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
|
AD[Analog Devices]
|
HD63705V0 HD637A05V0 HD637B05V0 |
8-BIT CMOS SINGLE CHIP MICROCOMPUTER UNIT(MCU) 8位CMOS单片机单元(MCU
|
Hitachi,Ltd. Hitachi Semiconductor
|
HT68F2010 HT68FU60 HT68FU40 HT68F30 HT68F20 |
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor In... Holtek Semiconductor Inc
|
HT66F2010 HT66FU60 HT66FU30 HT66FU40 HT66FU50 HT66 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor In... Holtek Semiconductor Inc
|
Z8602 |
KEYBOARD CONTROLLER (KBC? NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER (KBC⑩) NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER (KBC) NMOS Z8 8-BIT MCU CAP 0.033UF 100V 10% X7R AXIAL TR-14
|
ZILOG[Zilog, Inc.] Zilog.
|
UBB12/3D24 UBB12/2.5Q48 UBB5/6Q48 UBB5/7D24 UBB15/ |
8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 模拟IC
|
NEC, Corp.
|
MC912DG128PMPV MC912DT128PMPV MC912DG128X MC912DG1 |
Microcontrollers The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit 16-BIT, FLASH, 8 MHz, MICROCONTROLLER, PQFP112 The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit 该MC68HC912DT128A微控制器单元(MCU)是一6位设备的标准组成的片上外设包括一6位中央处理单
|
Motorola, Inc. Motorola Mobility Holdings, Inc. MOTOROLA INC
|
ADUC812 ADUC812BS ADUC81203 EVAL-ADUC812QS EVAL-AD |
8-BIT, FLASH, 11.0592 MHz, MICROCONTROLLER, PQCC56 MicroConverter?, Multichannel 12-Bit ADC with Embedded Flash MCU MicroConverter庐, Multichannel 12-Bit ADC with Embedded Flash MCU
|
ANALOG DEVICES INC
|
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
|