PART |
Description |
Maker |
STW62N65M5 |
Automotive-grade N-channel 650 V, 0.041 typ., 46 A MDmesh V Power MOSFET in a TO-247 package
|
STMicroelectronics
|
C4AQCBW5300A3JJ |
C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 30 uF, 5%, 650 V, 70C, Lead Spacing = 37.5mm
|
Kemet Corporation
|
STP11N65M5 STU11N65M5 STD11N65M5 STF11N65M5 STB11N |
N-channel 650 V, 0.43 Ohm, 9 A MDmesh(TM) V Power MOSFET in TO-220FP package N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages N-channel 650 V, 0.43 Ohm, 9 A MDmesh(TM) V Power MOSFET in DPAK package
|
STMicroelectronics ST Microelectronics
|
STD5NM6008 STD5NM60-1 STP8NM60 STP8NM60FP STD5NM60 |
N-CHANNEL 650V@Tjmax - 0.9Ohm - 8A - TO-220 /FP- D2/D/IPAK N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh?Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK N-channel 650 V@Tjmax, 0.9 楼?, 8 A MDmesh垄芒 Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh?/a> Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK N-channel 650 V@Tjmax, 0.9 ヘ, 8 A MDmesh⑩ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
|
ST Microelectronics STMicroelectronics
|
STI32N65M5 STB32N65M5 STF32N65M5 STW32N65M5 |
N-channel 650 V, 0.095 Ohm, 24 A, MDmesh(TM) V Power MOSFET in I2PAK N-channel 650 V, 0.095 Ω, 24 A, MDmesh?/a> V Power MOSFET in D2PAK, I2PAK, TO-220FP, TO-220, TO-247 N-channel 650 V, 0.095 Ω, 24 A, MDmesh V Power MOSFET in D2PAK, I2PAK, TO-220FP, TO-220, TO-247
|
ST Microelectronics STMicroelectronics
|
STF6N65M2 STU6N65M2 |
N-channel 650 V, 1.2 Ohm typ., 4 A MDmesh M2 Power MOSFET in TO-220FP package N-channel 650 V, 1.2 Ohm typ., 4 A MDmesh M2 Power MOSFET in IPAK package
|
ST Microelectronics
|
STD6N65M2 STB6N65M2 |
Zener-protected N-channel 650 V, 1.2 Ohm typ., 4 A MDmesh M2 Power MOSFET in D2PAK package N-channel 650 V, 1.2 Ohm typ., 4 A MDmesh M2 Power MOSFET in DPAK package
|
STMicroelectronics ST Microelectronics
|
HFBR-5208 |
1300 nm LED Transceiver for ATM, SONET/SDH 622 Mb/s and General Purpose 155 - 650 Mb/s(应用于ATM, SONET/SDH 622 Mb/s通用155 - 650 Mb/s300 nm LED收发
|
Agilent(Hewlett-Packard)
|
12061C104M4T2A 12061C103K4T2A 08051C104K4T2A 0402Y |
Automotive MLCC Automotive AVX Corporation has supported the Automotive Industry requirements for Multilayer Ceramic Capacitors consistently for more than 10 years. Automotive MLCC Automotive MLCC Automotive
|
AVX Corporation
|
STB15NM65NT4 |
15.5 A, 650 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET
|
STMICROELECTRONICS
|
STB16NK65Z-S |
13 A, 650 V, 0.5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
STMICROELECTRONICS
|
XRT8020IL XRT8020 RT8020IL |
650 MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS 650 MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS 650 MHz High-Speed Clock Synthesizer
|
EXAR[Exar Corporation]
|
|