PART |
Description |
Maker |
S6968-01 |
MOSFET, Switching; VDSS (V): 60; ID (A): 2; Pch : 0.8; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.111]; RDS (ON) typ. (ohm) @2.5V: 0.129; Ciss (pF) typ: 320; toff (µs) typ: 0.0397; Package: MPAK
|
Hamamatsu Photonics
|
STS8C6H3LL |
N-channel 30 V, 0.019 Ohm typ., 8 A, P-channel 30 V, 0.024 Ohm typ., 6 A STripFET(TM) Power MOSFET in a SO-8 package
|
ST Microelectronics
|
S4111-46Q S4111-16Q S4111-16R S4114-46Q S4114-35Q |
MOSFET, Switching; VDSS (V): 500; ID (A): 19; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.325; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: 0.093; Package: TO-220FN MOSFET, Switching; VDSS (V): 500; ID (A): 25; Pch : -; RDS (ON) typ. (ohm) @10V: 0.21; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 103; Package: TO-3P Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR 硅光电二极管阵列16356元素硅的紫外到近红外光电二极管阵
|
Hamamatsu Photonics K.K.
|
BSB014N04LX3G |
36 A, 40 V, 0.0014 ohm, N-CHANNEL, Si, POWER, MOSFET GREEN, METAL, WDSON-2, CANPAK-3
|
Infineon Technologies AG
|
STL150N3LLH5 |
N-channel 30 V - 0.0014 Ω - 35 A - PowerFLAT (6x5) STripFET V Power MOSFET N-channel 30 V - 0.0014 ヘ - 35 A - PowerFLAT⑩ (6x5) STripFET⑩ V Power MOSFET
|
STMicroelectronics
|
STD1HN60K3 STU1HN60K3 |
N-channel 600 V, 6.4 Ohm typ., 1.2 A, SuperMESH3(TM) Power MOSFET in DPAK package N-channel 600 V, 6.4 Ohm typ., 1.2 A, SuperMESH3(TM) Power MOSFET in IPAK package
|
ST Microelectronics
|
STW12N120K5 STH12N120K5-2 |
N-channel 1200 V, 0.58 Ohm typ., 12 A Zener-protected SuperMESH(TM) 5 Power MOSFET in TO-247 package N-channel 1200 V, 0.58 Ohm typ., 12 A Zener-protected SuperMESH(TM) 5 Power MOSFET in H2PAK-2 package
|
ST Microelectronics
|
STB15N80K5 STP15N80K5 STF15N80K5 |
N-channel 800 V, 0.3 ohm typ., 14 A SuperMESH 5 Power MOSFET
|
STMicroelectronics
|
STF15N65M5 STP15N65M5 STFI15N65M5 |
N-channel 650 V, 0.308 Ohm, 11 A MDmesh(TM) V Power MOSFET in I2PAKFP package N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET N-channel 650 V, 0.308 Ω typ., 11 A MDmesh V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
|
ST Microelectronics STMicroelectronics
|
STL42P6LLF6 |
P-channel 60 V, 0.02 Ohm typ., 9 A STripFET F6 Power MOSFET in a PowerFLAT(TM) 5x6 package
|
ST Microelectronics
|
STD100N3LF3 |
N-channel 30 V, 0.0045 Ohm typ., 80 A STripFET(TM) II Power MOSFET in a DPAK package
|
ST Microelectronics
|
|