PART |
Description |
Maker |
S7DB-07A180 S7DB-07A150 S7DB-07A500 S7DB-07A250 S7 |
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 425 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 322 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 380 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 非隔离式DC / DC转换2V输入/ 1.2V电压- 5.0V输出/ 7A
|
Bel Fuse, Inc.
|
STEVAL-ISA130V1 |
12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
|
ST Microelectronics
|
PB01Q-701ISSI PB01Q-501ISSI PB01Q-001ISSI PB01Q-90 |
1A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOCKET 1A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 3A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 6A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 8A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 2A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOCKET 8A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOCKET STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
|
Power Dynamics, Inc. PowerDynamics, Inc POWER DYNAMICS INC
|
3B46 3B45 3B45-01 3B45-CUSTOM 3B45-02 3B46-02 3B46 |
Isolated Frequency Input; 0 to 25 kHz Signal Conditioning Module Isolated Frequency Input; 0 to 300 Hz Signal Conditioning Module; Package: IOS MODULE; No of Pins: 30; Temperature Range: Commercial SPECIALTY ANALOG CIRCUIT, XMA
|
AD[Analog Devices] Analog Devices, Inc.
|
HSDL-3202 |
HSDL-3202#001 · Infrared IrDA 1.2 Compliant 115.2Kb/s 3V Transceiver IrDA㈢ Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
5B45-03 5B45-04 5B45-02 5B45-01 5B45-05 |
Isolated Frequency Input 0 to 10 kHz Input Signal Conditioning Module
|
Analog Devices
|
LM2575TV-005 LM2575D2T-ADJR4 |
Isolated Flyback Switching Regulator with 9V Output 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
|
ON Semiconductor
|
MAX8540-MAX8541 MAX8541EEE MAX8540 MAX8540EEE MAX8 |
Synchronizable / High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies From old datasheet system Synchronizable. High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies 可同步,高频率,电流和电压模式PWM控制器的隔离电源 Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO16
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
2N7002LT1-D 2N7002LT1/D |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Small Signal MOSFET 115 mAmps, 60 Volts N-Channel SOT3 Small Signal MOSFET 115 mAmps, 60 Volts N-Channel SOT?3
|
ON Semiconductor
|
C350PM C350M C350N C350P C350PB C350PD |
Phase Control SCR 115 Amperes Avg 500-1300 Volts Phase Control SCR 115 Amperes Average 1600 Volts
|
POWEREX[Powerex Power Semiconductors]
|
LM2575T-15G LM2575D2T-5 LM2575T-12 |
Isolated Flyback Switching Regulator with 9V Output 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5
|
ON Semiconductor Motorola Mobility Holdings, Inc.
|
TFDU4101 TFDU4101-TT3 TFDU410107 TFDU4101-TR3 |
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA? Applications Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA庐 Applications Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA㈢ Applications
|
Vishay Siliconix
|