PART |
Description |
Maker |
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
AK5383 AK5383VF AK5383VS |
24-bit 96K 110dB Wide Temp Range Enhanced Dual bit 96 kHz 24-bit ADC
|
AKM Asahi Kasei Microsystems
|
SP7650 SP7650ER_TR SP7650ER-L_TR SP7650ER-L/TR SP7 |
CAP 150PF 25V 5% NP0(C0G) SMD-0402 TR-7 PLATED-NI/SN Wide Input Voltage Range 3A / 300kHz / Buck Regulator Wide Input Voltage Range 3A, 300kHz, Buck Regulator
|
SIPEX[Sipex Corporation]
|
TGA4817-EPU |
10 Gb/s Wide Dynamic Range TIA 10Gb/s Wide Dynamic Range Differential TIA
|
TRIQUINT[TriQuint Semiconductor]
|
MAX1895 MAX1995ETI MAX1895EGI MAX1895ETI MAX1995 M |
High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers " High- Efficiency, Wide Brightness Range, CCFL Backlight Controllers" Fixed-Point Digital Signal Processor 288-FCBGA
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
R1LV0408CSP-7LI R1LV0408CSA-5SI R1LV0408CSA-7LI R1 |
Memory>Low Power SRAM Wide Temperature Range Version 4M SRAM (512-kword 】 8-bit) Wide Temperature Range Version 4M SRAM (512-kword 隆驴 8-bit) Wide Temperature Range Version 4M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4M SRAM (512-kword 8-bit)
|
Renesas Electronics Corporation HITACHI[Hitachi Semiconductor]
|
EDD10161BBH-5BTS-F EDD10161BBH-6ETS-F EDD10161BBH- |
1G bits DDR Mobile RAM WTR (Wide Temperature Range) 1G bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range)
|
Elpida Memory
|
HM62A16100I HM62A16100LBPI-7 HM62A16100LBPI-7SL |
Wide Temperature Range Version 16 M SRAM (1-Mword × 16-bit) Wide Temperature Range Version 16 M SRAM (1-Mword 】 16-bit) Memory>Low Power SRAM
|
Renesas Electronics Corporation
|
PCS3P73Z01AWG-08-CR PCS3P73Z01AWG-08-TR PCS3P73Z01 |
Wide Frequency range Timing-Safe垄芒 Peak EMI reduction IC Wide Frequency range Timing-Safe Peak EMI reduction IC Wide Frequency range Timing-Safe?/a> Peak EMI reduction IC
|
PulseCore Semiconductor
|
PMO-4015MN-42HXQ |
Sensitivity Range -42 ± 2 dB RL = 2.2 k Vcc = 2.0v (1 kHz 0 dB = 1 v/Pa)
|
Mallory performance clu...
|