PART |
Description |
Maker |
AN1246 |
VIPOWER: AUXILIARY BIAS POWER SUPPLY USING VIPER20A
|
SGS Thomson Microelectronics
|
AN1523 |
11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
|
STMICROELECTRONICS[STMicroelectronics]
|
AN1523 |
11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
|
SGS Thomson Microelectronics
|
SC411MLTRT SC411EVB SC411 |
Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
|
Semtech Corporation
|
SC483ITSTRT |
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
|
Semtech Corporation
|
IP2002 IP2002TR |
Synchronous Buck Multiphase Optimized BGA Power Block. Synchronous Buck Synchronous Buck Integrated Power Semiconductors/ Drivers & Passives
|
International Rectifier
|
CS5231-3GDF8 CS5231-3GDFR8 CS5231-3GDP5 CS5231-3GD |
500mA, 3.3V Linear Regulator with Auxiliary Control 500 MA, 3.3 V LINEAR REGULATOR WITH AUXILIARY CONTROL
|
ONSEMI[ON Semiconductor]
|
ADP3154 ADP3154JRU ADP3154JRU-REEL |
VRM 8.2/3/4 Buck Controller With One Linear Controllers 5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
|
AD[Analog Devices]
|
ASM809TEUR-T ASM810TEUR ASM810SEUR ASM810REUR ASM8 |
4.00 V, 3 pin microcontroller power supply supervisor 4 V, 3 pin microcontroller power supply supervisor 2.93 V, 3 pin microcontroller power supply supervisor 3.08 V, 3 pin microcontroller power supply supervisor 2.63 V, 3 pin microcontroller power supply supervisor 4.38 V, 3 pin microcontroller power supply supervisor 4.63 V, 3 pin microcontroller power supply supervisor 3 Pin Microcontroller Power Supply Supervisor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Low Power CPU Supervisors
|
Alliance Semiconductor, Corp. ALSC Alliance Semiconductor Corporation Alliance Semiconductor Corp...
|
MCP1601 |
The MCP1601 is a synchronous Buck (step-down) switching regulator that can continuously supply 500mA of load current. This DC/DC converter can provide output voltages of 0.9V to Vin with an operating efficiency that can exceed 92%. Althoug 500 mA Synchronous BUCK Regulator From old datasheet system
|
Microchip Technology
|
SI9139DG-1815 BD9401FM-E2 CAT660CPA BD9011KV-E2 AP |
Current Mode PWM Controllers Dual Pwr-Supply Ctrl 1.8 and 1.5V Linear Regulators - Standard POWER SUPPLY IC Switching Converters, Regulators & Controllers Com Temp 100mA Out Switching Converters, Regulators & Controllers Step Down; 2 Outputs 150KHz, 2A PWM Buck DC/DC Converter 150kHz的,甲的PWM降压DC / DC转换
|
NXP Semiconductors N.V. NEC, Corp. Intersil, Corp. Rohm Co., Ltd.
|