PART |
Description |
Maker |
S5573 |
MOSFET, Switching; VDSS (V): 600; ID (A): 30; Pch : 200; RDS (ON) typ. (ohm) @10V: 0.2; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
STFI13NM60N |
N-channel 600 V, 0.28 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in I2PAKFP package
|
ST Microelectronics
|
STB18NM60ND |
N-channel 600 V, 0.25 Ohm typ., 13 A FDmesh(TM) II Power MOSFET (with fast diode) in D2PAK package
|
ST Microelectronics
|
STFI24N60M2 |
N-channel 600 V, 0.168 Ohm typ., 18 A MDmesh II Plus(TM) low Qg Power MOSFET in I2PAKFP package
|
ST Microelectronics
|
STI33N60M2 |
N-channel 600 V, 0.108 Ohm typ., 26 A MDmesh II Plus(TM) low Qg Power MOSFETs in I2PAK package
|
ST Microelectronics
|
IRF710 FN2310 |
2.0A, 400V, 3.600 Ohm,N-Channel PowerMOSFET(2.0A, 400V, 3.600 Ohm,N娌??澧?己?????OS?烘?搴??) From old datasheet system 2.0A, 400V, 3.600 Ohm, N-Channel Power MOSFET 2 A, 400 V, 3.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
HARRIS SEMICONDUCTOR Intersil Corporation
|
STF13NM60N STP13NM60N STI13NM60N STD13NM60N STU13N |
N-channel 600 V, 0.28 Ω typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
|
STMicroelectronics
|
STF11N60DM2 |
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220FP package
|
STMicroelectronics
|
S7878 |
MOSFET, Switching; VDSS (V): -60; ID (A): -5; Pch : 20; RDS (ON) typ. (ohm) @10V: 0.14; RDS (ON) typ. (ohm) @4V[4.5V]: 0.2; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
RFH10N50 RFH10N45 |
CAP 1000PF 200V 10% X7R DIP-2 TUBE-PAK S-MIL-PRF-39014/22 10A/ 450V and 500V/ 0.600 Ohm/ N-Channel Power MOSFETs 10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs 10 A, 450 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-218AC
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation] Intersil, Corp.
|
STF11NM65N STFI11NM65N STD11NM65N STP11NM65N |
N-channel 650 V, 0.425 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in I2PAKFP package N-channel 650 V, 0.425 Ω typ., 11 A MDmesh?II Power MOSFET in DPAK, TO-220FP, I2PAKFP and TO-220 packages N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET N-channel 650 V, 0.425 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in DPAK package
|
STMicroelectronics ST Microelectronics
|
MTP1N60E |
TMOS POWER FET 1.0 AMPERES 600 VOLTS RDS(on) = 8.0 OHM 1 A, 600 V, 8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Motorola Mobility Holdings, Inc. Motorola, Inc
|
|