PART |
Description |
Maker |
2-OA99 2-OA99A |
Germanium Point Contact Type - FM-AM Detector General Use
|
Panasonic
|
OA95 OA95A |
Germanium Point Contact Type - General Use High Breakdown Votage
|
Panasonic
|
OA91A |
Germanium Point Contact Type - General Use - High Brakdown Voltage
|
Panasonic
|
1N60P |
POINT CONTACT GERMANIUM DIODES
|
SEMTECH ELECTRONICS LTD...
|
1N476 1N499 1N500 1N279 1N292 1N294 1N567 1N450 1N |
165 V, 500 mA, gold bonded germanium diode 100 V, 500 mA, gold bonded germanium diode 12 V, 500 mA, gold bonded germanium diode 90 V, 500 mA, gold bonded germanium diode GOLD BONDED DIODES(LOW FORWARD VOLTAGE, LOW POWER CONSUMPTION) 75 V, 500 mA, gold bonded germanium diode 120 V, 500 mA, gold bonded germanium diode 70 V, 500 mA, gold bonded germanium diode 80 V, 500 mA, gold bonded germanium diode 115 V, 500 mA, gold bonded germanium diode 60 V, 500 mA, gold bonded germanium diode
|
BKC International Electronics ETC[ETC]
|
2N404 |
JUNCTION TRANSISTOR Germanium p-n-p Alloy Type
|
New Jersey Semi-Conductor Products, Inc.
|
1N21 1N416C 1N416E 1N416D 1N416F 1N23 |
S - X Band Point Contact Mixer Diodes
|
New Jersey Semi-Conductor P... New Jersey Semi-Conduct...
|
Q60103-X151-D Q60103-X151-F1 Q60103-X151-G Q60103- |
24 V, 200 mA, PNP germanium transistor PNP GERMANIUM TRANSISTORS 进步党锗晶体
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|
AA143 |
Gold Bonded Germanium Diodes 0.04 A, GERMANIUM, SIGNAL DIODE, DO-7 Gold Bonded Germanium Diodes
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
BFU725F BFU725F_N1 BFU725F/N1 BFU725F-N1 BFU725FN1 |
NPN wideband silicon germanium RF transistor NPN silicon germanium microwave transistor for high speed, low noise applications in a plastic, 4-pin dual-emitter SOT343F package
|
NXP Semiconductors
|
RIF-0-RSC-12DC |
Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
|
PHOENIX CONTACT
|
RIF-0-RPT-12DC |
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
|
PHOENIX CONTACT
|