PART |
Description |
Maker |
ZLLS2000-16 |
40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
|
Diodes Incorporated
|
SS2040FLT/R13 SS2040FLT/R7 |
2A/40V ULTRA-LOW VF SURFACE MOUNT SCHOTTKY DIODE 2A/40V超低VF表面贴装肖特基二极管
|
PanJit International Inc. PanJit International, Inc.
|
ZLLS1000TC ZLLS1000 ZLLS1000TA |
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
|
ZETEX[Zetex Semiconductors]
|
CDBB140SL-HF |
Halogen Free Low VF Schottky Barrier, V-RRM=40V, V-R=40V, I-O=1A
|
Comchip Technology
|
CDBQC0240L-HF |
Halogen Free Low VF Schottky Barrier, V-RRM=40V, V-R=40V, I-O=0.2A
|
Comchip Technology
|
MBRS140LT3 MBRS140LT307 MBRS140LT3G |
Surface Mount Schottky Power Rectifier 1A 40V Low Vf Schottky Rectifier ; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 1 A, 40 V, SILICON, SIGNAL DIODE
|
ON Semiconductor
|
CMUSH2-4L |
SMD Schottky Diode Single: Low VF SURFACE MOUNT ULTRAmini HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
|
CENTRAL[Central Semiconductor Corp]
|
BAS40DW-04 BAS40DW-05-TP BAS40DW-06-TP BAS40TW BAS |
200mW SCHOTTKY BARRIER Diode DIODE SCHOTTKY 200MW 40V SOT363 0.2 A, 40 V, 4 ELEMENT, SILICON, SIGNAL DIODE DIODE SCHOTTKY ARRAY 40V SOT-363 0.2 A, 40 V, 3 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
CMOSH2-4L |
SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE 0.2 A, 40 V, SILICON, SIGNAL DIODE SMD Schottky Diode Single: Low VF
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
STPS16L45C 8000 STPS16L45CFP STPS16L45CT |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) LOW DROP POWER SCHOTTKY RECTIFIER From old datasheet system
|
STMicroelectronics
|
ZLLS1000_06 ZLLS1000 ZLLS1000TA ZLLS1000TC ZLLS100 |
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE 1.16 A, SILICON, RECTIFIER DIODE
|
ZETEX[Zetex Semiconductors] ZETEX PLC
|
20TQ040S 20TQ035S 20TQ045S 20TQ040 20TQ035STRR 20T |
40V 20A Schottky Discrete Diode in a TO-220AC package 45V 20A Schottky Discrete Diode in a D2-Pak package 35V 20A Schottky Discrete Diode in a D2-Pak package COG Technology, 128 x 64 pixel format SCHOTTKY RECTIFIER 40V 20A Schottky Discrete Diode in a D2-Pak package 45V 20A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier]
|