PART |
Description |
Maker |
PE-52627 PE-52629 PE-52625 PE-52649 PE-52628 PE-52 |
LTC1701 Evaluation Kit Standard Low Power Inductors - Switch Mode Power Converters and Ripple Filters LTC1773EMS Evaluation Kit LTC3401EMS10 Evaluation Kit LTC1876 Evaluation Kit LTC1960 Evaluation Kit LTC1700EMS Evaluation Kit 3.3V Micropower EIA/TIA-562 Transceiver LTC1771EMS8 Evaluation Kit 标准低功率电感器-开关电源转换器和过滤器纹波
|
Electronic Theatre Controls, Inc.
|
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
MAX1583XETB MAX1583YETB MAX1583ZETB MAX1583EVKIT M |
White LED Camera-Flash MAX1583 Evaluation Kit 1 A, 24 V, evaluation kit 500 mA, 24 V, evaluation kit 250 mA, 24 V, evaluation kit
|
MAXIM - Dallas Semiconductor
|
PE-51590 PE-92117 PE-92402 PE-92107 |
LT3734 Evaluation Kit LTC2922 Evaluation Kit Low Cost Inductors - Bare Coil and Klipmount Series 低成本的电感裸线圈和Klipmount系列
|
Pulse Engineering, Inc.
|
MAX7452EVKIT |
Parallel-Load 8-Bit Shift Registers 16-CFP -55 to 125 Evaluation Kit for the MAX7452 MAX7452 Evaluation Kit
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
25SC2R2M 16SC2R2M 25SC4R7M 25SC3R3M 25SCR33M 25SCR |
Evaluation Kit for the MAX1896 KONDENSATOR FESTKOERPER 2.2UF 16V KONDENSATOR FESTKOERPER 4.7UF 25V 5V, Low-Power, 12-Bit Serial ADCs KONDENSATOR FESTKOERPER 0.33UF 25V Evaluation Kit for the MAX1908 Evaluation Kit for the MAX1906X, MAX1906V, MAX1906S KONDENSATOR FESTKOERPER 6.8UF 16V KONDENSATOR FESTKOERPER 6.8UF 16V KONDENSATOR FESTKOERPER 4.7UF 10V KONDENSATOR FESTKOERPER 4.7UF 10V Evaluation Kit for the MAX1898 KONDENSATOR FESTKOERPER 33UF 25V KONDENSATOR FESTKOERPER 1.5UF 25V
|
Sanyo Electric Co., Ltd.
|
26PCCFA6D 26PCBFA6D 26PCDFA6D 26PCAFA6D 26PCAFA6G |
DRUCKSENSORR 0 5 PSID 10O, Quad, SPST, CMOS Analog Switches Direct QPSK Modulator with VGA and PA Driver for 1.7GHz to 2.5GHz Applications Evaluation Kit for the MAX2720, MAX2721 Evaluation Kit for the MAX2900, MAX2901, MAX2902, MAX2903, MAX2904 DRUCKSENSOR 0 15 PSID DRUCKSENSOR 0 15 PSID
|
RF Micro Devices, Inc.
|
CRCW060310R0JNEA 232270296001L 82-000226-01 TSSH-1 |
ADSP-BF506F EZ-KIT Lite垄莽 Evaluation System Manual ADSP-BF506F EZ-KIT Lite庐 Evaluation System Manual ADSP-BF506F EZ-KIT Lite? Evaluation System Manual ADSP-BF506F EZ-KIT Lite? Evaluation System Manual
|
Analog Devices http://
|
MAX5960LEVCMAXQU |
Evaluation Kit/Evaluation System for the MAX5959A/MAX5959L/MAX5960A/MAX5960L
|
MAXIM - Dallas Semiconductor
|
MAX6692EVSYS MAX6692EVKIT |
Evaluation System/Evaluation Kit for the MAX6648/MAX6649/MAX6692
|
Maxim
|